Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9117 Datasheet (PDF) - SMSC Corporation

LAN9117 Datasheet PDF - SMSC Corporation
Part # LAN9117
Download  LAN9117 Download
File Size   1531.86 Kbytes
Page   131 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER

LAN9117 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN9117 Datasheet PDF - SMSC Corporation

Part # LAN9117
Download  LAN9117 Click to download

File Size   1531.86 Kbytes
Page   131 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER

LAN9117 Datasheet (HTML) - SMSC Corporation


LAN9117 Product details

General Description

The LAN9117 is a full-featured,single-chip 10/100 Ethernet controller designed for embedded applications where performance, flexibility, ease of integration and system cost control are required. The LAN9117 has been specifically architected toprovide the highest performance possible for any 16-bit application. The LAN9117 is fully IEEE802.3 10BASE-T and 802.3u 100BASE-TX compliant.



PRODUCT FEATURES

Highlights

■ Member of LAN9118 Family;optimized for medium high performance applications

■ Easily interfaces to most 16-bit embedded CPU’s

■ Efficient architecture with low CPU overhead

■ Integrated PHY; supports external PHY via MII interface

■ Supports audio & video streaming over Ethernet: 1-2 high-definition (HD) MPEG2 streams

■ Medium-high speed member of LAN9118 Family(all members are pin-compatible)

Target Applications

■ Medium-range Cable, satellite, and IP set-top boxes

■ Digital video recorders and DVD recorders/players

■ High definition televisions

■ Digital media clients/servers and home gateways

■ Video-over IP Solutions, IP PBX & video phones

■ Wireless routers & access points

■ High-end audio distribution systems



Key Benefits

■ Non-PCI Ethernet Controler for medium-high performance applications

— 16-bit interface with fast bus cycle times

— Burst-mode read support

— External MII Interface

■ Eliminates dropped packets

— Internal buffer memory can store over 200 packets

— Supports automatic or host-triggered PAUSE and back pressure flow control

■ Minimizes CPU overhead

— Supports Slave-DMA

— Interrupt Pin with Programmable Hold-off timer

■ Reduces system cost and increases design flexibility

— SRAM-like interface easilyinterfaces to most embedded CPU’s or SoC’s

— Low-cost, low--pin count non-PCI interface for

■ Reduced Power Modes

— Numerous power management modes

— Wake on LAN*

— Magic packet wakeup*

— Wakeup indicator event signal

— Link Status Change

■ Single chip Ethernet controller

— Fully compliant with IEEE 802.3/802.3u standards

— Integrated Ethernet MAC and PHY

— 10BASE-T and 100BASE-TX support

— Full- and Half-duplex support

— Full-duplex flow control

— Backpressure for half-duplex flow control

— Preamble generation and removal

— Automatic 32-bit CRC generation and checking

— Automatic payload padding and pad removal

— Loop-back modes

■ Flexible address filtering modes

— One 48-bit perfect address

— 64 hash-filtered multicast addresses

— Pass all multicast

— Promiscuous mode

— Inverse filtering

— Pass all incoming with status report

— Disable reception of broadcast packets

■ Integrated Ethernet PHY

— Auto-negotiation

— Automatic polarity detection and correction

■ High-Performance host bus interface

— Simple, SRAM-like interface

— 16-bit data bus

— Large, 16Kbyte FIFO memory that can be allocated to RX or TX functions

— One configurable host interrupt

■ Miscellaneous features

— Low profile 100-pin TQFP package; green, lead free package also availaible

— Integral 1.8V regulator

— General Purpose Timer

— Support for optional EEPROM

— Support for 3 status LEDs multiplexed with Programmable GPIO signals

■ 3.3V Power Supply with 5V tolerant I/O

■ 0 to 70°C



Applications

The LAN9117 is well suited for many medium-high-performance embedded applications, including:

■ Medium-range cable, satellite and IP set-top boxes

■ High-end audio distribution systems

■ Digital video recorders

■ DVD Recorders/Players

■ High-definition televisions

■ Digital media clients/servers

■ Home gateways




Similar Part No. - LAN9117

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117 Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9117-MT MICROCHIP-LAN9117-MT Datasheet
1Mb / 114P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117-MT SMSC-LAN9117-MT Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Similar Description - LAN9117

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com