Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB930W55 Datasheet (PDF) - OPTEK Technologies

OPB930W55 Datasheet PDF - OPTEK Technologies
Part # OPB930W55
Download  OPB930W55 Download
File Size   314.28 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Photologic Slotted Optical Switches

OPB930W55 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB930W55 Datasheet PDF - OPTEK Technologies

Part # OPB930W55
Download  OPB930W55 Click to download

File Size   314.28 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Photologic Slotted Optical Switches

OPB930W55 Datasheet (HTML) - OPTEK Technologies


OPB930W55 Product details

Description:

The OPB930 and OPB940 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.18 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and either 0.350” (8.9 mm) long pins (L Series) or 24” (610 mm) AWG, UL listed wire leads (W Series).



Features:

• Choice of aperture size

• Choice of output configurations

• Choice of opaque or IR transmissive shell

• Choice of pins (L) or wires (W)

• 0.125” (3.18 mm) slot width

• 0.320” (8.128 mm) lead spacing for PCBoard (side mounting)

• Data rates to 250 kBaud




Similar Part No. - OPB930W55

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB930W55W TTELEC-OPB930W55W Datasheet
751Kb / 9P
Slotted Optical Switch
OPB930W55Z TTELEC-OPB930W55Z Datasheet
1Mb / 6P
Photologic Slotted Optical Switch
OPB930W55Z TTELEC-OPB930W55Z Datasheet
751Kb / 9P
Slotted Optical Switch
More results


Similar Description - OPB930W55

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB120 OPTEK-OPB120 Datasheet
361Kb / 4P
PHOTOLOGIC SLOTTED OPTICAL SWITCHES
OPB900L OPTEK-OPB900L Datasheet
414Kb / 4P
Photologic Slotted Optical Switches Types OPB900L,OPB910L
OPB947 OPTEK-OPB947 Datasheet
124Kb / 4P
PHOTOLOGIC SLOTTED SWITCHES
OPB480 OPTEK-OPB480 Datasheet
175Kb / 4P
Photologic Slotted Optical Switches
Jul-2003
OPB460 OPTEK-OPB460 Datasheet
203Kb / 4P
Photologic Slotted Optical Switches
Jul-2003
OPB900W OPTEK-OPB900W Datasheet
421Kb / 4P
Photologic Slotted Optical Switches
Jan-2006
OPB960 OPTEK-OPB960 Datasheet
875Kb / 4P
Photologic Slotted Optical Switches
Jan-2006
OPB980 OPTEK-OPB980 Datasheet
399Kb / 6P
Photologic TM Slotted Optical Switches
Jan-2006
OPB930L OPTEK-OPB930L Datasheet
417Kb / 4P
Photologic Slotted Optical Switches
OPB911W55 OPTEK-OPB911W55 Datasheet
422Kb / 4P
Photologic Slotted Optical Switches
January 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com