Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-1438-TWT-R Datasheet (PDF) - PUI audio inc.

AT-1438-TWT-R Datasheet PDF - PUI audio inc.
Part # AT-1438-TWT-R
Download  AT-1438-TWT-R Download
File Size   974.92 Kbytes
Page   3 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 14mm diameter transducer with 1 mA current draw

AT-1438-TWT-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-1438-TWT-R Datasheet PDF - PUI audio inc.

Part # AT-1438-TWT-R
Download  AT-1438-TWT-R Click to download

File Size   974.92 Kbytes
Page   3 Pages
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.
Description 14mm diameter transducer with 1 mA current draw

AT-1438-TWT-R Datasheet (HTML) - PUI audio inc.




Similar Part No. - AT-1438-TWT-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
RELEASED FROM ENGINEERING
More results


Similar Description - AT-1438-TWT-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AT-1740-TT-3-R PUIAUDIO-AT-1740-TT-3-R Datasheet
464Kb / 3P
17mm diameter piezoelectric transducer with ultra-low 1 mA current draw
SMI-1027-TW-12V-R PUIAUDIO-SMI-1027-TW-12V-R Datasheet
513Kb / 5P
7 to 15 VDC voltage range with low 30 mA current draw
logo
Mallory Sonalert Produc...
ZA028MAPS1 MSPI-ZA028MAPS1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASP1 MSPI-ZA028MASP1 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASR8 MSPI-ZA028MASR8 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MASU2 MSPI-ZA028MASU2 Datasheet
132Kb / 1P
Current Draw 40mA MAX
ZA028MDCM1 MSPI-ZA028MDCM1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP2 MSPI-ZA028MDDP2 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDDP3 MSPI-ZA028MDDP3 Datasheet
131Kb / 1P
Current Draw 40mA MAX
ZA028MDMP1 MSPI-ZA028MDMP1 Datasheet
131Kb / 1P
Current Draw 40mA MAX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com