Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-1438-TWT-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AT-1438-TWT-R
Description  14mm diameter transducer with 1 mA current draw
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AT-1438-TWT-R Datasheet(HTML) 3 Page - PUI audio inc.

  AT-1438-TWT-R Datasheet HTML 1Page - PUI audio inc. AT-1438-TWT-R Datasheet HTML 2Page - PUI audio inc. AT-1438-TWT-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Transducer (Piezo)
AT-1438-TWT-R
R.A.C.
R.W.
4/16/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
8/17/2004
Date
Date
8/17/2004
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
AT-1438-TWT-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
8/17/2004
A
REMOVED LEAD FREE ADDE RoHS NOTE
8/10/2005
B
REVISED TERMINAL MATERIAL
1/24/2006
B.R.
C
REVISED HOUSING MATERIAL
11/13/2006
B.R.
D
ADDED LABEL & POLARITY MARKING
11/22/2006
B.R.
E
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
4/16/2008
B.R.
F
REVISED TO REMOVE POLARITY & UPDATED ROHS STATEMENT
3/2/2017
M.V.
G
ADDED WAVE SOLDER NOTE
1/25/2019
M.L.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
5
Vp-p
OPERATING VOLTAGE RANGE
1 ~ 20
Vp-p
RATED CURRENT (MAX)
1
mA
CAPACITANCE
13,000
30%
pF
MINIMUM SPL @ 10 CM
80
dBA
RESONANT FREQUENCY
3,800
500
Hz
OPERATING TEMPERATURE
-30 ~ +80
C
STORAGE TEMPERATURE
-30 ~ +80
C
HOUSING MATERIAL
NORYL
-
TERMINAL MATERIAL
Sn PLATED
RED COPPER
-
WEIGHT
1
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2011/65/EU COMPLIANT.
4. WAVE SOLDER ACCEPTABLE.
13.8
2 SOUND
EMISSION HOLE
4.5
6.8
0.7 (2)
7.6
REMOVABLE
WASH TAB
POTTING
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
2003, Projects Unlimited Inc.
0.7
0.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com