Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2935 Datasheet (PDF) - ON Semiconductor

LM2935 Datasheet PDF - ON Semiconductor
Part # LM2935
Download  LM2935 Download
File Size   125.07 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW DROPOUT DUAL VOLTAGE REGULATOR

LM2935 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2935 Datasheet PDF - ON Semiconductor

Part # LM2935
Download  LM2935 Click to download

File Size   125.07 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW DROPOUT DUAL VOLTAGE REGULATOR

LM2935 Datasheet (HTML) - ON Semiconductor


LM2935 Product details

Low Dropout Dual Voltage Regulator



The LM2935 is a dual positive 5.0 V low dropout voltage regulator, designed for standby power systems. The main output is capable of supplying 750 mA for microprocessor power, and can be turned “on” and “off” by the switch/reset input. The other output is dedicated for standby operation of volatile memory, and is capable of supplying up to 10 mA loads. The total device features a low quiescent current of 3.0 mA or less when supplying 10 mA from the standby output.



•Two Regulated 5.0 V Outputs

•Main Output Current in Excess of 750 mA

•On/Off Control of Main Output

•Standby Output Current in Excess of 10 mA

•Low Input/Output Differential of Less than 0.6 V at 500 mA

•Short Circuit Current Limiting

•Internal Thermal Shutdown

•Low Voltage Indicator Output

•Designed for Automotive Environment Including

  • Reverse Battery Protection

  • Double Battery Protection

  • Load Dump Protection

  • Reverse Transient Protection

•Economical 5–Lead TO–220 Package with Two Optional Leadforms

•Also Available in Surface Mount D2

PAK Package




Similar Part No. - LM2935

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM293 NSC-LM293 Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
NXP Semiconductors
LM293 PHILIPS-LM293 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM293 TI-LM293 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM293 ONSEMI-LM293 Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
LM293 ONSEMI-LM293 Datasheet
107Kb / 10P
Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
More results


Similar Description - LM2935

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3259HFP ROHM-BA3259HFP Datasheet
191Kb / 6P
Dual Low-Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1537 TSC-TS1537 Datasheet
143Kb / 5P
Dual 1A Low Dropout Positive Voltage Regulator
logo
Rohm
BA30E00WHFP ROHM-BA30E00WHFP Datasheet
200Kb / 6P
Dual Low-Dropout Voltage Regulator
BA33D15HFP ROHM-BA33D15HFP Datasheet
181Kb / 6P
Dual Low-Dropout Voltage Regulator
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
Dual Low-Dropout Voltage Regulator
logo
Sipex Corporation
SP6265 SIPEX-SP6265 Datasheet
473Kb / 13P
Dual Low-Dropout CMOS Voltage Regulator
logo
Toshiba Semiconductor
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
01-Nov-2007
logo
ams AG
AS13986 AMSCO-AS13986 Datasheet
650Kb / 13P
Dual Low-Noise, Low-Dropout Voltage Regulator
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com