Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM323T Datasheet (PDF) - ON Semiconductor

LM323T Datasheet PDF - ON Semiconductor
Part # LM323T
Download  LM323T Download
File Size   126.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS

LM323T Datasheet (PDF)

Go To PDF Page Download Datasheet
LM323T Datasheet PDF - ON Semiconductor

Part # LM323T
Download  LM323T Click to download

File Size   126.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS

LM323T Datasheet (HTML) - ON Semiconductor


LM323T Product details

The LM323,A are monolithic integrated circuits which supply a fixed positive 5.0 V output with a load driving capability in excess of 3.0 A. These three–terminal regulators employ internal current limiting, thermal shutdown, and safe–area compensation. The A–suffix is an improved device with superior electrical characteristics and a 2% output voltage tolerance. These regulators are offered with a 0° to +125°C temperature range in a low cost plastic power package.

• Output Current in Excess of 3.0 A
• Available with 2% Output Voltage Tolerance
• No External Components Required
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe–Area Compensation
• Thermal Regulation and Ripple Rejection Have Specified Limits




Similar Part No. - LM323T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM323T ONSEMI-LM323T Datasheet
78Kb / 8P
3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
logo
STMicroelectronics
LM323T STMICROELECTRONICS-LM323T Datasheet
725Kb / 15P
Three-terminal 3 A adjustable voltage regulators
12-Feb-2008
More results


Similar Description - LM323T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78T00 MOTOROLA-MC78T00 Datasheet
162Kb / 12P
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
3-Amp, 5-Volt Positive Regulator
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Seme LAB
IP1R18A SEME-LAB-IP1R18A Datasheet
29Kb / 4P
5 AMP POSITIVE VOLTAGE REGULATORS
IP78M05ADP SEME-LAB-IP78M05ADP Datasheet
13Kb / 2P
3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
5-Volt 5-Amp Voltage Regulators
logo
Semtech Corporation
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
5 AMP POSITIVE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
3-Amp, 5-Volt Positive Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com