Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G955 Datasheet (PDF) - Global Mixed-mode Technology Inc

G955 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G955
Download  G955 Download
File Size   139.33 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.85V 1A Low Dropout Regulator

G955 Datasheet (PDF)

Go To PDF Page Download Datasheet
G955 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G955
Download  G955 Click to download

File Size   139.33 Kbytes
Page   6 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.85V 1A Low Dropout Regulator

G955 Datasheet (HTML) - Global Mixed-mode Technology Inc


G955 Product details

General Description
The G955 positive 2.85V voltage regulator features the ability to source 1A of output current with a dropout voltage of typically 0.5V over the entire operating temperature range. A low quiescent current is provided over the entire current output current range. The typical quiescent current is 0.4mA. Furthermore, the quiescent current is smaller when the regulator is in the dropout mode ( VIN < 2.85V).
Familiar regulator features such as over temperature, over current, and over voltage protection circuits are provided to prevent it from being damaged by abnormal operating conditions.

Features
■ Dropout voltage typically 0.5V @ IO = 1A
■ Output current in excess of 1A
■ Output voltage accuracy ±2%
■ Quiescent current, typically 400µA
■ Internal short circuit current limit
■ Internal over temperature protection
■ Internal over voltage protection




Similar Part No. - G955

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
2.5V 1A Regulator
logo
Global Mixed-mode Techn...
G950 GMT-G950 Datasheet
84Kb / 1P
2.5V 1A Regulator
logo
List of Unclassifed Man...
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
More results


Similar Description - G955

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
1A LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
Burr-Brown (TI)
REG104 BURR-BROWN-REG104_08 Datasheet
763Kb / 21P
DMOS 1A Low-Dropout Regulator
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
1A Low-Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
1A Low Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com