Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G950 Datasheet (PDF) - Global Mixed-mode Technology Inc

G950 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G950
Download  G950 Download
File Size   84.83 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.5V 1A Regulator

G950 Datasheet (PDF)

Go To PDF Page Download Datasheet
G950 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G950
Download  G950 Click to download

File Size   84.83 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.5V 1A Regulator

G950 Datasheet (HTML) - Global Mixed-mode Technology Inc


G950 Product details

General Description

The G950 positive 2.5V voltage regulator features the ability to source 1A of output current. The typical quiescent current is 0.6mA.

Familiar regulator features such as over temperature and over current protection circuits are provided to prevent it from being damaged by abnormal operating conditions.



Features

■ Output current in excess of 1A

■ Output voltage accuracy +3%/-1%

■ Quiescent current, typically 600µA

■ Internal short circuit current limit

■ Internal over temperature protection



Applications

■ PC motherboard

■ ADSL/Cable Modem

■ Set-Top-Box

■ LAN switch/Hub

■ Router



 




Similar Part No. - G950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
2.5V 1A Regulator
G950-01455-01 ETC-G950-01455-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
G950-01456-01 ETC-G950-01456-01 Datasheet
461Kb / 6P
USB Accelerator datasheet
2019
G950-03970-01 ETC-G950-03970-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
G950-04742-01 ETC-G950-04742-01 Datasheet
7Mb / 28P
Dev Board
Version 1.6
More results


Similar Description - G950

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
1.8V 1A Regulator
logo
List of Unclassifed Man...
G950 ETC-G950 Datasheet
207Kb / 10P
2.5V 1A Regulator
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
logo
International Rectifier
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Global Mixed-mode Techn...
G9125 GMT-G9125 Datasheet
234Kb / 9P
2.5V 1A Low Dropout Regulator with Disable
G957 GMT-G957 Datasheet
307Kb / 8P
1.5V 1A Regulator
logo
Silicon Standard Corp.
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
2.5V 1A Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G9125 GMT-G9125_15 Datasheet
33Kb / 1P
2.5V 1A Low Dropout Regulator with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com