Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR12 Datasheet (PDF) - WALSIN TECHNOLOGY CORPORATION

SR12 Datasheet PDF - WALSIN TECHNOLOGY CORPORATION
Part # SR12
Download  SR12 Download
File Size   260.24 Kbytes
Page   9 Pages
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION
Description Sulfuration resistant 1000ppm

SR12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR12 Datasheet PDF - WALSIN TECHNOLOGY CORPORATION

Part # SR12
Download  SR12 Click to download

File Size   260.24 Kbytes
Page   9 Pages
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION
Description Sulfuration resistant 1000ppm

SR12 Datasheet (HTML) - WALSIN TECHNOLOGY CORPORATION


SR12 Product details

DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The extra protective metal film is added onto top side electrodes to protect termination from sulfuration. The composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to within tolerance by laser cutting of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For ease of soldering the outer layer of these end terminations is a Tin (lead free) alloy.

FEATURE
1. High reliability and stability ±1%
2. Sulfuration resistant 1000ppm
3. Automotive grade AEC Q-200 Compliant
4. 100% CCD inspection
5. RoHS compliant and Lead free products

APPLICATION
• Automotive application
• Consumer electrical equipment
• EDP, Computer application
• Telecom application




Similar Part No. - SR12

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR12 MOSPEC-SR12 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
STEERING DIODE/ TVS ARRAY COMBO
logo
Semtech Corporation
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
RailClamp짰 Low Capacitance TVS Diode Array
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
648Kb / 8P
500 WATT low capacitance steering diode/TVS array
logo
Yea Shin Technology Co....
SR12 YEASHIN-SR12 Datasheet
475Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR12

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73B2A KOA-RK73B2A Datasheet
95Kb / 2P
flat chip resistors (anti-sulfuration)
CN1E4KRTTD103J KOA-CN1E4KRTTD103J Datasheet
306Kb / 2P
anti sulfuration chip networks (convex termination)
RK73H2ARTTD1002F KOA-RK73H2ARTTD1002F Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
flat chip resistors (anti-sulfuration)
CN-KRT KOA-CN-KRT Datasheet
367Kb / 2P
anti sulfuration chip networks
CN-RT KOA-CN-RT Datasheet
393Kb / 2P
anti sulfuration chip networks
logo
WALSIN TECHNOLOGY CORPO...
MR12 WALSIN-MR12 Datasheet
542Kb / 9P
Sulfuration resistant ASTM B-809 60C 500 hrs
SR20X WALSIN-SR20X Datasheet
485Kb / 8P
Sulfuration resistant ASTM B-809-95 compliant
WR02X_V WALSIN-WR02X_V Datasheet
234Kb / 7P
General purpose & Anti-sulfuration chip resistors
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
Anti-Sulfuration Thin Film Chip Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com