Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR12 Datasheet (PDF) - Semtech Corporation

SR12 Datasheet PDF - Semtech Corporation
Part # SR12
Download  SR12 Download
File Size   180.05 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RailClamp짰 Low Capacitance TVS Diode Array

SR12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR12 Datasheet PDF - Semtech Corporation

Part # SR12
Download  SR12 Click to download

File Size   180.05 Kbytes
Page   8 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RailClamp짰 Low Capacitance TVS Diode Array

SR12 Datasheet (HTML) - Semtech Corporation


SR12 Product details

Description
RailClamps are surge rated diode arrays designed to protect high speed data interfaces. The SR12 has been specifically designed to protect sensitive components which are connected to data and transmission lines from overvoltages caused by ESD (electrostatic discharge), EFT (electrical fast transients), and lightning.

Features
◆ Transient protection for high speed data lines to
    IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
    IEC 61000-4-4 (EFT) 40A (5/50ns)
    IEC 61000-4-5 (Lightning) 0.5kV, 12A (8/20µs)
◆ Array of surge rated diodes with internal TVS Diode
◆ Protects two I/O lines
◆ Operating Voltage: 12 volts
◆ Low capacitance (5pF typical) for high-speed interfaces
◆ Low clamping voltage
◆ Solid-state silicon-avalanche technology

Applications
◆ ADSL
◆ Industrial Electronics
◆ RS-422 Interfaces
◆ Portable Electronics
◆ Microcontroller Input Protection
◆ WAN/LAN Equipment




Similar Part No. - SR12

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR12 MOSPEC-SR12 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Protek Devices
SR12 PROTEC-SR12 Datasheet
82Kb / 5P
STEERING DIODE/ TVS ARRAY COMBO
SR12 PROTEC-SR12 Datasheet
648Kb / 8P
500 WATT low capacitance steering diode/TVS array
logo
Yea Shin Technology Co....
SR12 YEASHIN-SR12 Datasheet
475Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
SR12 CITC-SR12 Datasheet
150Kb / 3P
1A Leaded Type Schottky Barrier Rectifiers
More results


Similar Description - SR12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504N SEMTECH-RCLAMP0504N Datasheet
200Kb / 9P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com