Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCLAMP0503N Datasheet (PDF) - Semtech Corporation

RCLAMP0503N Datasheet PDF - Semtech Corporation
Part # RCLAMP0503N
Download  RCLAMP0503N Download
File Size   148.2 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RailClamp짰 Low Capacitance TVS Diode Array

RCLAMP0503N Datasheet (PDF)

Go To PDF Page Download Datasheet
RCLAMP0503N Datasheet PDF - Semtech Corporation

Part # RCLAMP0503N
Download  RCLAMP0503N Click to download

File Size   148.2 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RailClamp짰 Low Capacitance TVS Diode Array

RCLAMP0503N Datasheet (HTML) - Semtech Corporation


RCLAMP0503N Product details

Description
The RailClamp® series is a family of ultra low capacitance TVS arrays designed to protect high speed data interfaces. This series has been specifically designed to protect sensitive components which are connected to high-speed data and transmission lines from overvoltage caused by ESD (electrostatic discharge), CDE (Cable Discharge Events), and EFT (electrical fast transients). They are designed for use in applications where board space is at a premium. Each device requires less than 1.5mm2 of PCB area and will protect up to three high speed data lines.
The monolithic design incorporates surge rated, low capacitance steering diodes and a TVS diode in a single package. Each line has a maximum capacitance of 0.5pF to ground. The capacitance of each line is well matched for consistant signal balance. A connection to the TVS is provided for protection of an external voltage bus, such as those found in USB applications. This device is optimized for ESD protection of portable electronics. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15kV air, ±8kV contact discharge).

Features
◆ ESD protection for high-speed data lines to
   IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
   IEC 61000-4-4 (EFT) 40A (5/50ns)
◆ Array of surge rated diodes with internal TVS Diode
◆ Small package saves board space
◆ Protects three I/O lines and a power line
◆ Low capacitance: 0.5pF maximum
◆ Low clamping voltage
◆ Solid-state silicon-avalanche technology

Applications
◆ USB OTG
◆ MMC Port
◆ Serial ATA
◆ Video Port
◆ SIM Port
◆ PCI Express




Similar Part No. - RCLAMP0503N

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0503F SEMTECH-RCLAMP0503F Datasheet
131Kb / 7P
RailClamp짰 TVS Array for USB OTG Interfaces
RCLAMP0503F SEMTECH-RCLAMP0503F Datasheet
209Kb / 7P
RailClamp짰 TVS Array for USB OTG Interfaces
RCLAMP0503F.TCT SEMTECH-RCLAMP0503F.TCT Datasheet
209Kb / 7P
RailClamp짰 TVS Array for USB OTG Interfaces
RCLAMP0503F.TCT SEMTECH-RCLAMP0503F.TCT Datasheet
131Kb / 7P
RailClamp짰 TVS Array for USB OTG Interfaces
RCLAMP0503F SEMTECH-RCLAMP0503F_09 Datasheet
131Kb / 7P
RailClamp짰 TVS Array for USB OTG Interfaces
More results


Similar Description - RCLAMP0503N

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504N SEMTECH-RCLAMP0504N Datasheet
200Kb / 9P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
RailClamp짰 Low Capacitance TVS Diode Array
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
RailClamp짰 Low Capacitance TVS Diode Array
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com