Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-531P8 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-531P8 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-531P8
Download  ATF-531P8 Download
File Size   142.29 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package

ATF-531P8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-531P8 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-531P8
Download  ATF-531P8 Click to download

File Size   142.29 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package

ATF-531P8 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF-531P8 Product details

Description
Agilent Technologies’s ATF-531P8 is a single-voltage high linearity, low noise E-pHEMT housed in an 8-lead JEDEC-standard leadless plastic chip carrier (LPCC [3]) package. The device is ideal as a high linearity, low-noise, medium-power amplifier. Its operating frequency range is from 50 MHz to 6 GHz.

Features
• Single voltage operation
• High linearity and gain
• Low noise figure
• Excellent uniformity in product specifications
• Small package size: 2.0 x 2.0 x 0.75 mm
• Point MTTF > 300 years [2]
• MSL-1 and lead-free
• Tape-and-reel packaging option available

Specifications
2 GHz; 4V, 135 mA (Typ.)
• 38 dBm output IP3
• 0.6 dB noise figure
• 20 dB gain
• 10.7 dB LFOM [4]
• 24.5 dBm output power at 1 dB gain compression

Applications
• Front-end LNA Q1 and Q2 driver or pre-driver amplifier for Cellular/ PCS and WCDMA wireless infrastructure
• Driver amplifier for WLAN, WLL/RLL and MMDS applications
• General purpose discrete E-pHEMT for other high linearity applications




Similar Part No. - ATF-531P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-531P8 AVAGO-ATF-531P8 Datasheet
267Kb / 15P
High Linearity Enhancement Mode
logo
Broadcom Corporation.
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results


Similar Description - ATF-531P8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Agilent(Hewlett-Packard...
ATF-53189 HP-ATF-53189 Datasheet
145Kb / 14P
Enhancement Mode Pseudomorphic HEMT in SOT 89 Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-521P8 AVAGO-ATF-521P8 Datasheet
343Kb / 23P
High Linearity Enhancement Mode[1] Pseudomorphic 2x2 mm2 LPCC[3] Package
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
Enhancement Mode Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF501P8 HP-ATF501P8 Datasheet
204Kb / 23P
Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
logo
Broadcom Corporation.
DEMO-ATF-5X1P8 BOARDCOM-DEMO-ATF-5X1P8 Datasheet
336Kb / 23P
High Linearity Enhancement Mode[ Pseudomorphic HEMT in 2x2 mm2 LPCC[3] Package
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com