Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-53189 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-53189 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-53189
Download  ATF-53189 Download
File Size   145.35 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Enhancement Mode Pseudomorphic HEMT in SOT 89 Package

ATF-53189 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-53189 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-53189
Download  ATF-53189 Click to download

File Size   145.35 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Enhancement Mode Pseudomorphic HEMT in SOT 89 Package

ATF-53189 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF-53189 Product details

Description
Agilent Technologies’s ATF-53189 is a single-voltage high linearity, low noise E-pHEMT FET packaged in a low cost surface mount SOT89 package. The device is ideal as a high-linearity, low noise, medium-power amplifier. Its operating frequency range is from 50 MHz to 6 GHz.
ATF-53189 is ideally suited for Cellular/PCS and WCDMA wireless infrastructure, WLAN, WLL and MMDS application, and general purpose discrete E-pHEMT amplifiers which require medium power and high linearity. All devices are 100% RF and DC tested.

Features
• Single voltage operation
• High Linearity and Gain
• Low Noise Figure
• Excellent uniformity in product specifications
• SOT 89 standard package
• Point MTTF > 300 years[2]
• MSL-1 and lead-free
• Tape-and-Reel packaging option available

Specifications
2 GHz, 4.0V, 135 mA (Typ.)
• 40.0 dBm Output IP3
• 23.0 dBm Output Power at 1dB gain compression
• 0.85 dB Noise Figure
• 15.5 dB Gain
• 46% PAE at P1dB
• LFOM[3] 12.7 dB

Applications
• Front-end LNA Q1 and Q2, Driver or Pre-driver Amplifier for Cellular/PCS and WCDMA wireless infrastructure
• Driver Amplifier for WLAN, WLL/RLL and MMDS applications
• General purpose discrete E-pHEMT for other high linearity applications




Similar Part No. - ATF-53189

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-53189 AVAGO-ATF-53189 Datasheet
502Kb / 17P
Enhancement Mode Pseudomorphic HEMT in SOT 89 Package Single voltage operation
logo
Broadcom Corporation.
ATF-53189 BOARDCOM-ATF-53189 Datasheet
514Kb / 17P
Enhancement Mode[1] Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-53189-BLK AVAGO-ATF-53189-BLK Datasheet
502Kb / 17P
Enhancement Mode Pseudomorphic HEMT in SOT 89 Package Single voltage operation
ATF-53189-TR1 AVAGO-ATF-53189-TR1 Datasheet
502Kb / 17P
Enhancement Mode Pseudomorphic HEMT in SOT 89 Package Single voltage operation
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
Enhancement Mode Pseudomorphic HEMT
More results


Similar Description - ATF-53189

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATF-521P8 ETC1-ATF-521P8 Datasheet
248Kb / 24P
High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm2 LPCC Package
logo
Agilent(Hewlett-Packard...
ATF-531P8 HP-ATF-531P8 Datasheet
142Kb / 16P
High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-53189 AVAGO-ATF-53189 Datasheet
502Kb / 17P
Enhancement Mode Pseudomorphic HEMT in SOT 89 Package Single voltage operation
ATF-50189 AVAGO-ATF-50189 Datasheet
430Kb / 22P
Enhancement Mode Pseudomorphic HEMT
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
DEMO-ATF-5X189 BOARDCOM-DEMO-ATF-5X189 Datasheet
430Kb / 22P
Enhancement Mode[1] Pseudomorphic HEMT in SOT 89 Package
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF-50189 BOARDCOM-ATF-50189 Datasheet
430Kb / 22P
Enhancement Mode[1] Pseudomorphic HEMT
ATF-53189 BOARDCOM-ATF-53189 Datasheet
514Kb / 17P
Enhancement Mode[1] Pseudomorphic HEMT
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com