Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX-826GC Datasheet (PDF) - DATEL, Inc.

MX-826GC Datasheet PDF - DATEL, Inc.
Part # MX-826GC
Download  MX-826GC Download
File Size   156.05 Kbytes
Page   3 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Precision, High-Speed 8-Channel Analog Multiplexers

MX-826GC Datasheet (PDF)

Go To PDF Page Download Datasheet
MX-826GC Datasheet PDF - DATEL, Inc.

Part # MX-826GC
Download  MX-826GC Click to download

File Size   156.05 Kbytes
Page   3 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Precision, High-Speed 8-Channel Analog Multiplexers

MX-826GC Datasheet (HTML) - DATEL, Inc.


MX-826GC Product details

PRODUCT OVERVIEW
The MX-826 is a precision, high-speed multiplexer characterized for 10, 12 and 14-bit applications. The performance benchmarks are its 225 nanoseconds maximum settling time to ±0.01% accuracy and its unprecedented specifi cation of accuracy to ±0.003%.
The MX-826 provides eight single-ended inputs. Channel addressing is done by a three-bit binary code and break-before-make switching assures that no two channels are ever momentarily shorted together.
The MX-826 operates from ±15V and +5V power supplies. Models are available in two operating temperature ranges: 0 to +70°C and –55 to +125°C. MIL-STD-883 screening is optional.

FEATURES
■ 170ns maximum settling time to ±0.1%
■ 225ns maximum settling time to ±0.01%
■ 400ns maximum settling time to ±0.003%
■ 8 Channels single-ended inputs
■ 395mW power dissipation
■ Small, 24-pin DDIP package




Similar Part No. - MX-826GC

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
MX-826GC DATEL-MX-826GC Datasheet
109Kb / 1P
Multiplexers
MX-826GC-C DATEL-MX-826GC-C Datasheet
109Kb / 1P
Multiplexers
More results


Similar Description - MX-826GC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
logo
List of Unclassifed Man...
MX-850 ETC-MX-850 Datasheet
83Kb / 4P
Precision, Higher-Speed 4-Channel, Analog Multiplexers
MX-826 ETC1-MX-826 Datasheet
61Kb / 3P
Precision, High-Speed 8-Channel, Analog Multiplexers
logo
Murata Manufacturing Co...
MX-826 MURATA-MX-826 Datasheet
59Kb / 3P
Precision, High-Speed 8-Channel, Analog Multiplexers
MX-850 MURATA-MX-850 Datasheet
83Kb / 4P
Precision, Higher-Speed 4-Channel, Analog Multiplexers
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
logo
Maxim Integrated Produc...
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
DATEL, Inc.
MX-850 DATEL-MX-850 Datasheet
142Kb / 4P
Precision, High-Speed 4-Channel Analog Multiplexers
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com