Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2035CT Datasheet (PDF) - Nantong Hornby Electronic Co.,Ltd

MBR2035CT Datasheet PDF - Nantong Hornby Electronic Co.,Ltd
Part # MBR2035CT
Download  MBR2035CT Download
File Size   261.75 Kbytes
Page   3 Pages
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd
Description SCHOTTKY BARRIER RECTIFIER

MBR2035CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2035CT Datasheet PDF - Nantong Hornby Electronic Co.,Ltd

Part # MBR2035CT
Download  MBR2035CT Click to download

File Size   261.75 Kbytes
Page   3 Pages
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd
Description SCHOTTKY BARRIER RECTIFIER

MBR2035CT Datasheet (HTML) - Nantong Hornby Electronic Co.,Ltd


MBR2035CT Product details

REVERSE VOLTAGE: 35 to 200 VOLTS
FORWARD CURRENT: 20.0 AMPERE

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classifications 94V-0
• Metal silicon junction, majority carrier conduction
• Guard ring for overvoltage protection
• Low power loss, high efficiency
• For use in low voltage,high frequency inverters,free
   whelling,and polarity protection applications
• High temperature soldering guaranteed:
   250°C/10 seconds, 0.25" (6.35mm) from case

MECHANICAL DATA
   Case: Molded plastic, TO-220
   Epoxy: UL 94V-O rate flame retardant
   Terminals: Leads solderable per MIL-STD-202
   method 208 guaranteed
   Polarity: As marked
   Mounting position: Any
   Weight: 0.08ounce, 2.24gram




Similar Part No. - MBR2035CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2035CT MOTOROLA-MBR2035CT Datasheet
135Kb / 6P
SWITCHMODE?? Power Rectifiers
logo
Diodes Incorporated
MBR2035CT DIODES-MBR2035CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2035CT GE-MBR2035CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2035CT MCC-MBR2035CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR2035CT FAIRCHILD-MBR2035CT Datasheet
53Kb / 3P
Schottky Rectifiers
More results


Similar Description - MBR2035CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com