Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5031 Datasheet (PDF) - Micrel Semiconductor

MIC5031 Datasheet PDF - Micrel Semiconductor
Part # MIC5031
Download  MIC5031 Download
File Size   88.27 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Speed High-Side MOSFET Driver

MIC5031 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5031 Datasheet PDF - Micrel Semiconductor

Part # MIC5031
Download  MIC5031 Click to download

File Size   88.27 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Speed High-Side MOSFET Driver

MIC5031 Datasheet (HTML) - Micrel Semiconductor


MIC5031 Product details

General Description
The MIC5031 MOSFET driver is designed to switch an N-channel enhancement-type MOSFET from a TTL control signal in a high-side switch application. The MIC5031 provides overcurrent protection, can accommodate loads with high-inrush current, and is designed to survive automotive power disturbances. This driver is suitable for up to 30kHz PWM operation with 0% to 100% duty cycle.

Features
• +4.5V to +30V operation
• Fast gate drive (rise time = 70ns, fall time = 50ns, with 1000pF load and 5V supply)
• Overcurrent detection across MOSFET
• Overcurrent shutdown delay
• Charge pump for high-side dc applications
• TTL compatible input
• Overtemperature shutdown
• Automotive load dump protection
• Reverse battery protection
• Open-collector fault flag
• Near zero-current disable state

Applications
• Automotive power switch
• Automotive PWM control
• Circuit breaker
• PWM circuits




Similar Part No. - MIC5031

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC50395 MICREL-MIC50395 Datasheet
64Kb / 6P
Six Decade Counter / Display Decoder Not Recommended for New Designs
MIC50395CN MICREL-MIC50395CN Datasheet
64Kb / 6P
Six Decade Counter / Display Decoder Not Recommended for New Designs
MIC50396 MICREL-MIC50396 Datasheet
64Kb / 6P
Six Decade Counter / Display Decoder Not Recommended for New Designs
MIC50396CN MICREL-MIC50396CN Datasheet
64Kb / 6P
Six Decade Counter / Display Decoder Not Recommended for New Designs
MIC50397 MICREL-MIC50397 Datasheet
64Kb / 6P
Six Decade Counter / Display Decoder Not Recommended for New Designs
More results


Similar Description - MIC5031

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021 Datasheet
132Kb / 9P
High-Speed High-Side MOSFET Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
Dual High Speed Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
Dual High Speed Low-Side MOSFET Driver
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5 Datasheet
267Kb / 12P
High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440_09 Datasheet
212Kb / 12P
High Speed, High Voltage High Side Gate Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
Dual High Speed Low-Side MOSFET Driver
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
High Speed, High Voltage, High Side Gate Driver
logo
ON Semiconductor
NCP81074A ONSEMI-NCP81074A Datasheet
269Kb / 12P
High Speed Low-Side MOSFET Driver
November, 2015 ??Rev. 3
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
High-Side MOSFET Driver
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com