Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet (PDF) - Micrel Semiconductor

MIC5021 Datasheet PDF - Micrel Semiconductor
Part # MIC5021
Download  MIC5021 Download
File Size   132.7 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Speed High-Side MOSFET Driver

MIC5021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5021 Datasheet PDF - Micrel Semiconductor

Part # MIC5021
Download  MIC5021 Click to download

File Size   132.7 Kbytes
Page   9 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Speed High-Side MOSFET Driver

MIC5021 Datasheet (HTML) - Micrel Semiconductor


MIC5021 Product details

General Description
The MIC5021 high-side MOSFET driver is designed to operate at frequencies up to 100kHz (5kHz PWM for 2% to 100% duty cycle) and is an ideal choice for high speed applications such as motor control, SMPS (switch mode power supplies), and applications using IGBTs. The MIC5021 can also operate as a circuit breaker with or without automatic retry.

Features
• 12V to 36V operation
• 550ns rise/fall time driving 2000pF
• TTL compatible input with internal pull-down resistor
• Overcurrent limit
• Gate to source protection
• Internal charge pump
• 100kHz operation guaranteed over full temperature and operating voltage range
• Compatible with current sensing MOSFETs
• Current source drive reduces EMI

Applications
• Lamp control
• Heater control
• Motor control
• Solenoid switching
• Switch-mode power supplies
• Circuit breaker




Similar Part No. - MIC5021

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021 Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
Microchip Technology
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
logo
Micrel Semiconductor
MIC5021BM MICREL-MIC5021BM Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
MIC5021BN MICREL-MIC5021BN Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
Microchip Technology
MIC5021YM MICROCHIP-MIC5021YM Datasheet
1Mb / 24P
High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
More results


Similar Description - MIC5021

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
High-Speed High-Side MOSFET Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
Dual High Speed Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
Dual High Speed Low-Side MOSFET Driver
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5 Datasheet
267Kb / 12P
High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440_09 Datasheet
212Kb / 12P
High Speed, High Voltage High Side Gate Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
Dual High Speed Low-Side MOSFET Driver
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
High Speed, High Voltage, High Side Gate Driver
logo
ON Semiconductor
NCP81074A ONSEMI-NCP81074A Datasheet
269Kb / 12P
High Speed Low-Side MOSFET Driver
November, 2015 ??Rev. 3
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
High-Side MOSFET Driver
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com