Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5021
Description  High-Speed High-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5021 Datasheet(HTML) 8 Page - Micrel Semiconductor

  MIC5021 Datasheet HTML 1Page - Micrel Semiconductor MIC5021 Datasheet HTML 2Page - Micrel Semiconductor MIC5021 Datasheet HTML 3Page - Micrel Semiconductor MIC5021 Datasheet HTML 4Page - Micrel Semiconductor MIC5021 Datasheet HTML 5Page - Micrel Semiconductor MIC5021 Datasheet HTML 6Page - Micrel Semiconductor MIC5021 Datasheet HTML 7Page - Micrel Semiconductor MIC5021 Datasheet HTML 8Page - Micrel Semiconductor MIC5021 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MIC5021
Micrel
5-176
October 1998
External Protection
Resistors placed in series with each SENSE connection limit
the current drawn from the internal Schottky diodes during a
negative transient. This minimizes the forward drop across
the diodes.
VDD
Input
CT
Gnd
VBOOST
Gate
Sense
−
Sense
+
N-Channel
Power MOSFET
MIC5021
1
2
3
4
8
7
6
5
RS
5µA
15µA
VR2
R1
R2
VR1 = VR2
to avoid skewing
the 50mV trip point..
(5mV suggested)
R1
≅ 3 × R2
VR1
50mV nominal
(at trip)
Figure 7. Resistor Voltage Drop
During normal operation, sensing current from the sense pins
is unequal (5
µA and 15µA). The internal Schottky diodes are
reverse biased and have no effect. To avoid skewing the trip
voltage, the current limiting resistors must drop equal volt-
ages at the trip point currents. See Figure 7. To minimize
resistor tolerance error, use a voltage drop lower than the trip
voltage of 50mV. 5mV is suggested.
External Schottky diodes are also recommended. See D2
and D3 in Figure 8. The external diodes clamp negative
transients better than the internal diodes because their larger
size minimizes the forward voltage drop at higher currents.
VDD
Input
CT
Gnd
VBOOST
Gate
Sense
Sense
TTL Input
Inductive
Load
N-Channel
Power MOSFET
+12V to +36V
MIC5021
1
2
3
4
8
7
6
5
10µF
2.7
nF
RSENSE
1.0k
330
Ω
R2
D2
11DQ03
D3
11DQ03
D1
R1
Figure 8. Protection from Inductive Kick
High-Side Sensing
Sensing the current on the high side of the MOSFET isolates
the SENSE pins from the inductive spike.
VDD
Input
CT
Gnd
VBOOST
Gate
Sense
Sense
TTL Input
Wirewound
Resistor
(3
Ω)
N-Channel
Power MOSFET
(IRFZ44)
+12V to +20V
RSENSE
(< 0.01
Ω)
(+12V)
MIC5021
1
2
3
4
8
7
6
5
10µF
0.01
µF
Figure 9. High Side Sensing
Lamp Driver Application
Incandescent lamps have a high inrush current (low resis-
tance) when turned on. The MIC5021 can perform a “soft
start” by pulsing the MOSFET (overcurrent condition) until
the filament is warm and its current decreases (resistance
increases). The sense resistor value is selected so the
voltage drop across the sense resistor decreases below the
sense threshold (50mV) as the filament becomes warm. The
FET is no longer pulsed and the lamp turns completely on.
VDD
Input
CT
Gnd
VBOOST
Gate
Sense
−
Sense
+
TTL Input
RSENSE
(0.041
Ω)
N-Channel
Power MOSFET
(IRF540)
V+
MIC5021
1
2
3
4
8
7
6
5
10µF
0.01
µF
Incandescent
Lamp (#1157)
(+12V)
"( )" values apply to demo circuit.
See text.
Figure 10. Lamp Driver with
Current Sensing
A lamp may not fully turn on if the filament does not heat up
adequately. Changing the duty cycle, sense resistor, or both
to match the filament characteristics can correct the problem.
Soft start can be demonstrated using a #1157 dual filament
automotive lamp. The value of R
S shown in Figure 10 allows
for soft start of the higher-resistance filament (measures
approx. 2.1
Ω cold or 21Ω hot).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com