Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5021 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5021
Description  High-Speed High-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5021 Datasheet(HTML) 9 Page - Micrel Semiconductor

  MIC5021 Datasheet HTML 1Page - Micrel Semiconductor MIC5021 Datasheet HTML 2Page - Micrel Semiconductor MIC5021 Datasheet HTML 3Page - Micrel Semiconductor MIC5021 Datasheet HTML 4Page - Micrel Semiconductor MIC5021 Datasheet HTML 5Page - Micrel Semiconductor MIC5021 Datasheet HTML 6Page - Micrel Semiconductor MIC5021 Datasheet HTML 7Page - Micrel Semiconductor MIC5021 Datasheet HTML 8Page - Micrel Semiconductor MIC5021 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
October 1998
5-177
MIC5021
Micrel
5
Remote Overcurrent Limiting Reset
In circuit breaker applications where the MIC5021 maintains
an off condition after an overcurrent condition is sensed, the
C
T pin can be used to reset the MIC5021.
VDD
Input
CT
Gnd
VBOOST
Gate
Sense
Sense
TTL Input
RSENSE
N-Channel
Power
MOSFET
+12V to +20V
MIC5021
1
2
3
4
8
7
6
5
10µF
0.01
µF
74HC04
(example)
2N3904
Q1
10k to
100k
Retry (H)
Maintained (L)
Figure 11. Remote Control Circuit
Switching Q1 on pulls C
T low which keeps the MIC5021 GATE
output off when an overcurrent is sensed. Switching Q1 off
causes C
T to appear open. The MIC5021 retries in about
20
µs and continues to retry until the overcurrent condition is
removed.
For demonstration purposes, a 680
Ω load resistor and 3Ω
sense resistor will produce an overcurrent condition when the
load’s supply (V+) is approximately 12V or greater.
Low-Temperature Operation
As the temperature of the MIC5021AJB (extended tempera-
ture range version—no longer available) approaches –55
°C,
the driver’s off-state, gate-output offset from ground in-
creases. If the operating environment of the MIC5021AJB
includes low temperatures (–40
°C to –55°C), add an external
2.2M
Ω resistor as shown in Figures 12a or 12b. This assures
that the
driver’s gate-to-source voltage is far below the
external MOSFET’s gate threshold voltage, forcing the
MOSFET fully off.
VDD
Input
CT
Gnd
VBOOST
Gate
Sense
Sense
TTL Input
RSENSE
+12V to +36V
MIC5021AJB
1
2
3
4
8
7
6
5
10µF
2.7
nF
2.2M
add resistor for
–40
°C to –55°C
operation
Figure 12a. Gate-to-Source Pull Down
The gate-to-source configuration (refer to Figure 12a) is
appropriate for resistive and inductive loads.
This also
causes the smallest decrease in gate output voltage.
VDD
Input
CT
Gnd
VBOOST
Gate
Sense
Sense
TTL Input
RSENSE
+12V to +36V
MIC5021AJB
1
2
3
4
8
7
6
5
10µF
2.7
nF
2.2M
add resistor for
–40
°C to –55°C
operation
Figure 12b. Gate-to-Ground Pull Down
The gate-to-ground configuration (refer to Figure 12b) is
appropriate for resistive, inductive, or capacitive loads. This
configuration will decrease the gate output voltage slightly
more than the circuit shown in Figure 12a.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com