Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6043 Datasheet (PDF) - Maxim Integrated Products

MAX6043 Datasheet PDF - Maxim Integrated Products
Part # MAX6043
Download  MAX6043 Download
File Size   463.54 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision High-Voltage Reference in SOT23

MAX6043 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6043 Datasheet PDF - Maxim Integrated Products

Part # MAX6043
Download  MAX6043 Click to download

File Size   463.54 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision High-Voltage Reference in SOT23

MAX6043 Datasheet (HTML) - Maxim Integrated Products


MAX6043 Product details

General Description
The MAX6043 precision voltage reference provides accurate preset +2.5V, +3.3V, +4.096V, +5.0V, and +10V reference voltages from up to +40V input voltages. The MAX6043 features a proprietary temperature coefficient curvature-correction circuit and laser trimmed thin-film resistors that result in a very low temperature coefficient of 15ppm/°C (max) and excellent initial accuracy of 0.05% (max). Low temperature drift and low noise make the MAX6043 ideal for use with high-resolution A/D or D/A converters.

Features
♦ +2.5V, +3.3V, +4.096V, +5.0V, or +10V Output Voltages
♦ Excellent Temperature Stability: 15ppm/°C (max)
♦ Tight Initial Accuracy: 0.05% (max)
♦ Tiny SOT23 Package
♦ Wide +4.5V to +40V Supply Voltage Range
♦ Low Noise: 4µVP-P (typ at 2.5V Output)
♦ Short-Circuit Protected
♦ Wide Operating Temperature Range -40°C to +125°C
♦ Stable with Capacitive Loads from 0 to 100µF
♦ No External Capacitors Required for Stability




Similar Part No. - MAX6043

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX6043AAUT25-T AD-MAX6043AAUT25-T Datasheet
2Mb / 16P
MAX6043 Precision High-Voltage Reference in SOT23
Rev 4 3/19
MAX6043AAUT25-TG16 AD-MAX6043AAUT25-TG16 Datasheet
2Mb / 16P
MAX6043 Precision High-Voltage Reference in SOT23
Rev 4 3/19
MAX6043AAUT33-T AD-MAX6043AAUT33-T Datasheet
2Mb / 16P
MAX6043 Precision High-Voltage Reference in SOT23
Rev 4 3/19
MAX6043AAUT33-TG16 AD-MAX6043AAUT33-TG16 Datasheet
2Mb / 16P
MAX6043 Precision High-Voltage Reference in SOT23
Rev 4 3/19
MAX6043BAUT25-T AD-MAX6043BAUT25-T Datasheet
2Mb / 16P
MAX6043 Precision High-Voltage Reference in SOT23
Rev 4 3/19
More results


Similar Description - MAX6043

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX6006 MAXIM-MAX6006_12 Datasheet
275Kb / 8P
1μA SOT23 Precision ShuntVoltage Reference
Rev 1; 7/12
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
1關A SOT23 Precision Shunt Voltage Reference
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com