Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6006 Datasheet (PDF) - Maxim Integrated Products

MAX6006 Datasheet PDF - Maxim Integrated Products
Part # MAX6006
Download  MAX6006 Download
File Size   228.93 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1關A SOT23 Precision Shunt Voltage Reference

MAX6006 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6006 Datasheet PDF - Maxim Integrated Products

Part # MAX6006
Download  MAX6006 Click to download

File Size   228.93 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1關A SOT23 Precision Shunt Voltage Reference

MAX6006 Datasheet (HTML) - Maxim Integrated Products


MAX6006 Product details

General Description
The MAX6006–MAX6009 ultra-low-power shunt references are ideal for space-critical and low-power applications. They are offered in 3-pin SOT23 packages, and the minimum operating current is guaranteed to be <1µA. The devices feature low temperature coefficients of <30ppm/°C and initial accuracy of better than 0.2%.

Features
● Ultra-Low Operating Current: Guaranteed < 1µA
● Small 3-Pin SOT23 Package
● Initial Voltage Accuracy: 0.2%
● Temperature Coefficient: 30ppm/°C max
● Temperature Range: -40°C to +85°C
● Factory-Trimmed Output Voltages: +1.25V, +2.048V, +2.5V, +3.0V
● Wide Operating Range: 1µA to 2mA
● AEC-Q100 (MAX6008AEUR/V+ Only)

Applications
● Battery-Powered Equipment
● Portable Meters
● Precision Regulators
● A/D and D/A Converters




Similar Part No. - MAX6006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006AESA+ MAXIM-MAX6006AESA+ Datasheet
1Mb / 8P
1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006AEUR+T MAXIM-MAX6006AEUR+T Datasheet
1Mb / 8P
1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006BESA+ MAXIM-MAX6006BESA+ Datasheet
1Mb / 8P
1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006BEUR+T MAXIM-MAX6006BEUR+T Datasheet
1Mb / 8P
1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006_12 Datasheet
275Kb / 8P
1μA SOT23 Precision ShuntVoltage Reference
Rev 1; 7/12
More results


Similar Description - MAX6006

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Semtech Corporation
SC1004 SEMTECH-SC1004 Datasheet
60Kb / 3P
PRECISION SHUNT VOLTAGE REFERENCE
SC4040 SEMTECH-SC4040 Datasheet
99Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
Acutechnology Semicondu...
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
Revision 1.1 June 14, 2007
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
1關A Precision Series Voltage Reference
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
1關A SOT23 Precision Shunt Voltage Reference
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com