Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4040 Datasheet (PDF) - Semtech Corporation

SC4040 Datasheet PDF - Semtech Corporation
Part # SC4040
Download  SC4040 Download
File Size   99.14 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description PRECISION SHUNT VOLTAGE REFERENCE

SC4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4040 Datasheet PDF - Semtech Corporation

Part # SC4040
Download  SC4040 Click to download

File Size   99.14 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description PRECISION SHUNT VOLTAGE REFERENCE

SC4040 Datasheet (HTML) - Semtech Corporation


SC4040 Product details

DESCRIPTION
The SC4040 is a two terminal precision voltage reference with thermal stability guaranteed over temperature. The SC4040 has a typical dynamic output impedance of 0.25Ω. Active output circuitry provides a very sharp turn on characteristic - the minimum operating current is 60µA, with a maximum of 20mA.

FEATURES
• Trimmed bandgap design (0.2%)
• Wide operating current range 60µA to 20mA
• Low dynamic impedance (0.25Ω)
• Available in SOT-23, TO-92 and SO-8

APPLICATIONS
• Cellular telephones
• Portable computers
• Instrumentation
• Automotive




Similar Part No. - SC4040

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
SC4041AS SEMTECH-SC4041AS Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
SC4041ASK SEMTECH-SC4041ASK Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
SC4041AZ SEMTECH-SC4041AZ Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
SC4041BS SEMTECH-SC4041BS Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
More results


Similar Description - SC4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Semtech Corporation
SC1004 SEMTECH-SC1004 Datasheet
60Kb / 3P
PRECISION SHUNT VOLTAGE REFERENCE
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com