Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4040 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4040
Description  PRECISION SHUNT VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4040 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4040 Datasheet HTML 1Page - Semtech Corporation SC4040 Datasheet HTML 2Page - Semtech Corporation SC4040 Datasheet HTML 3Page - Semtech Corporation SC4040 Datasheet HTML 4Page - Semtech Corporation SC4040 Datasheet HTML 5Page - Semtech Corporation SC4040 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRECISION SHUNT VOLTAGE
REFERENCE
SC4040
PRELIMINARY - April 13, 1998
4
ELECTRICAL CHARACTERISTICS
T
A = 25°C unless otherwise specified.
SC4040E (2.0%)
Parameter
Symbol
Condition
MIN
TYP
MAX
UNITS
Reverse Breakdown Voltage
V
Z
I
Z = 100µA
T
A = 25°C
2.450
2.500
2.550
V
T
A = -40 to +85°C
2.426
2.500
2.574
V
Minimum Operating Current
I
Z(min)
60
80
µA
Reverse Breakdown Voltage Temperature Coefficient
I
Z = 10mA
I
Z = 1mA
I
Z = 100µA
T
A = -40 to +85°C
±150
ppm/°C
Ratio of Change in V
Z to Change in IZ
I
Z(min) < IZ < 1mA
T
A = 25°C
1.0
mV
T
A = -40 to +85°C
1.2
mV
1mA < I
Z < 12mA
T
A = 25°C
8.0
mV
T
A = -40 to +85°C
10.0
mV
Reverse Dynamic Impedance
Z
R
I
Z = 1mA, f = 120 Hz, IAC = 0.1 IZ
0.25
1.1
Ω
Wideband Noise (RMS)
e
N
I
Z = 100µA
10Hz < f < 10kHz
35
µV
Long Term Stability of Reverse Breakdown Voltage
t = 1000 hours
T = 25°C ± 0.1°C
I
Z = 100µA
120
ppm
T
V
Z
∆
∆
Z
Z
I
V
∆
∆
Z
V
∆



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com