Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTN2007Z Datasheet (PDF) - Zetex Semiconductors

ZXTN2007Z Datasheet PDF - Zetex Semiconductors
Part # ZXTN2007Z
Download  ZXTN2007Z Download
File Size   120.65 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTN2007Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN2007Z Datasheet PDF - Zetex Semiconductors

Part # ZXTN2007Z
Download  ZXTN2007Z Click to download

File Size   120.65 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTN2007Z Datasheet (HTML) - Zetex Semiconductors


ZXTN2007Z Product details

DESCRIPTION
Packaged in the SOT89 outline this new low saturation 30V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

FEATURES
• Extemely low equivalent on-resistance; RSAT = 23mΩ at 6.5A
• 6 amps continuous current
• Up to 20 amps peak current
• Very low saturation voltages
• Excellent hFE characteristics up to 20 amps

APPLICATIONS
• DC - DC converters
• MOSFET gate drivers
• Charging circuits
• Power switches
• Motor control




Similar Part No. - ZXTN2007Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTN2007ZTA DIODES-ZXTN2007ZTA Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
More results


Similar Description - ZXTN2007Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T849Z ZETEX-ZX5T849Z Datasheet
119Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T869Z ZETEX-ZX5T869Z Datasheet
103Kb / 6P
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2008Z DIODES-ZXTP2008Z Datasheet
120Kb / 6P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZX5T949Z DIODES-ZX5T949Z Datasheet
127Kb / 6P
MPPS??30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
DECEMBER 2004
ZX5T849Z DIODES-ZX5T849Z Datasheet
128Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
DECEMBER 2004
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2008Z DIODES-ZXTP2008Z_15 Datasheet
120Kb / 6P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com