Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2008Z Datasheet (PDF) - Diodes Incorporated

ZXTP2008Z Datasheet PDF - Diodes Incorporated
Part # ZXTP2008Z
Download  ZXTP2008Z Download
File Size   120.15 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTP2008Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP2008Z Datasheet PDF - Diodes Incorporated

Part # ZXTP2008Z
Download  ZXTP2008Z Click to download

File Size   120.15 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTP2008Z Datasheet (HTML) - Diodes Incorporated


ZXTP2008Z Product details

Features
• BVCEO > -30V
• IC = -5.5A Continuous Collector Current
• ICM = -20A Peak Pulse Current
• Low Saturation Voltage VCE(SAT) < -60mV max @ -1A
• RSAT = 24mΩ @ -5.5A for Low Equivalent On-Resistance
• Exceptional Gain Linearity Down to -10mA
• hFE Specified up to -20A for High Gain Hold Up
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC-DC Converters
• MOSFET Gate Drivers
• Charging Circuits
• Power Switches
• Motor Control




Similar Part No. - ZXTP2008Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2008Z ZETEX-ZXTP2008Z Datasheet
111Kb / 6P
30V PNP LOW SATURATION MEDUIM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2008Z DIODES-ZXTP2008Z Datasheet
495Kb / 7P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 2
logo
Zetex Semiconductors
ZXTP2008ZTA ZETEX-ZXTP2008ZTA Datasheet
111Kb / 6P
30V PNP LOW SATURATION MEDUIM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2008ZTA DIODES-ZXTP2008ZTA Datasheet
495Kb / 7P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 2
ZXTP2008Z DIODES-ZXTP2008Z_15 Datasheet
120Kb / 6P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results


Similar Description - ZXTP2008Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T849Z ZETEX-ZX5T849Z Datasheet
119Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007Z ZETEX-ZXTN2007Z Datasheet
120Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2008Z ZETEX-ZXTP2008Z Datasheet
111Kb / 6P
30V PNP LOW SATURATION MEDUIM POWER TRANSISTOR IN SOT89
ZX5T949Z ZETEX-ZX5T949Z Datasheet
124Kb / 6P
MPPS TM 30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZX5T949Z DIODES-ZX5T949Z Datasheet
127Kb / 6P
MPPS??30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
DECEMBER 2004
ZX5T849Z DIODES-ZX5T849Z Datasheet
128Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
DECEMBER 2004
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2008Z DIODES-ZXTP2008Z_15 Datasheet
120Kb / 6P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com