Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2013Z Datasheet (PDF) - Diodes Incorporated

ZXTP2013Z Datasheet PDF - Diodes Incorporated
Part # ZXTP2013Z
Download  ZXTP2013Z Download
File Size   100.92 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTP2013Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP2013Z Datasheet PDF - Diodes Incorporated

Part # ZXTP2013Z
Download  ZXTP2013Z Click to download

File Size   100.92 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTP2013Z Datasheet (HTML) - Diodes Incorporated


ZXTP2013Z Product details

Features
• BVCEO > -100V
• IC = -3.5A High Continuous Current
• RSAT = 57mΩ for a Low Equivalent On-Resistance
• Low Saturation Voltage VCE(SAT) < -85mV @ IC = -1A
• hFE Specified Up to -10A for High Current Gain Hold Up
• Complementary NPN Type: ZXTN2011Z
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/

Application
• Emergency Lighting Circuits
• Motor Driving (Including DC Fans)
• Backlight Inverters
• Power Switches
• Gate Driving MOSFETs and IGBTs




Similar Part No. - ZXTP2013Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2013ZTA ZETEX-ZXTP2013ZTA Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results


Similar Description - ZXTP2013Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853Z ZETEX-ZX5T853Z Datasheet
97Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T953Z ZETEX-ZX5T953Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2011Z ZETEX-ZXTN2011Z Datasheet
114Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2011Z DIODES-ZXTN2011Z Datasheet
121Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2014Z DIODES-ZXTP2014Z Datasheet
116Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
AUGUST 2005
ZXTN2011Z DIODES-ZXTN2011Z_15 Datasheet
256Kb / 7P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com