Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2014Z Datasheet (PDF) - Diodes Incorporated

ZXTP2014Z Datasheet PDF - Diodes Incorporated
Part # ZXTP2014Z
Download  ZXTP2014Z Download
File Size   116.9 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTP2014Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP2014Z Datasheet PDF - Diodes Incorporated

Part # ZXTP2014Z
Download  ZXTP2014Z Click to download

File Size   116.9 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTP2014Z Datasheet (HTML) - Diodes Incorporated


ZXTP2014Z Product details

Features
• BVCEO > -140V
• IC = -3A High Continuous Current
• Low Saturation Voltage VCE(sat) < -75mV @ -0.5A
• Rsat = 85mΩ for a Low Equivalent On-Resistance
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/

Application
• Motor driving
• Line switching
• High side switches
• Subscriber line interference cards (SLIC)




Similar Part No. - ZXTP2014Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2014Z ZETEX-ZXTP2014Z Datasheet
107Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2014ZTA ZETEX-ZXTP2014ZTA Datasheet
107Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2014Z DIODES-ZXTP2014Z_15 Datasheet
116Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
AUGUST 2005
More results


Similar Description - ZXTP2014Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZX5T955G ETC-ZX5T955G Datasheet
113Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2014Z ZETEX-ZXTP2014Z Datasheet
107Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T955Z ZETEX-ZX5T955Z Datasheet
94Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2014G ZETEX-ZXTP2014G Datasheet
112Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T955G DIODES-ZX5T955G Datasheet
122Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
AUGUST 2004
ZX5T955Z DIODES-ZX5T955Z Datasheet
261Kb / 8P
140V PNP Low saturation medium power transistor in SOT89
JUNE 2008
ZXTP2014G DIODES-ZXTP2014G Datasheet
119Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
JUNE 2005
ZX5T955Z DIODES-ZX5T955Z_15 Datasheet
261Kb / 8P
140V PNP Low saturation medium power transistor in SOT89
JUNE 2008
ZXTP2014G DIODES-ZXTP2014G_15 Datasheet
429Kb / 7P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 3
ZXTP2014Z DIODES-ZXTP2014Z_15 Datasheet
116Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
AUGUST 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com