Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2014G Datasheet (PDF) - Diodes Incorporated

ZXTP2014G Datasheet PDF - Diodes Incorporated
Part # ZXTP2014G
Download  ZXTP2014G Download
File Size   119.87 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR

ZXTP2014G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP2014G Datasheet PDF - Diodes Incorporated

Part # ZXTP2014G
Download  ZXTP2014G Click to download

File Size   119.87 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR

ZXTP2014G Datasheet (HTML) - Diodes Incorporated


ZXTP2014G Product details

Features
• BVCEO > -140V
• IC = -4A High Continuous Collector Current
• ICM = -10A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < -120mV @ IC = -1A
• RSAT = 92mΩ for a Low Equivalent On-Resistance
• hFE Specified up to -10A for a High Gain Hold-Up
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZXTP2014G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2014G ZETEX-ZXTP2014G Datasheet
112Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Skyworks Solutions Inc.
ZXTP2014G SKYWORKS-ZXTP2014G Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
ZXTP2014G SKYWORKS-ZXTP2014G Datasheet
616Kb / 46P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
logo
Zetex Semiconductors
ZXTP2014GTA ZETEX-ZXTP2014GTA Datasheet
112Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2014GTC ZETEX-ZXTP2014GTC Datasheet
112Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Similar Description - ZXTP2014G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZX5T955G ETC-ZX5T955G Datasheet
113Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2014Z ZETEX-ZXTP2014Z Datasheet
107Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T955Z ZETEX-ZX5T955Z Datasheet
94Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2014G ZETEX-ZXTP2014G Datasheet
112Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T955G DIODES-ZX5T955G Datasheet
122Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
AUGUST 2004
ZX5T955Z DIODES-ZX5T955Z Datasheet
261Kb / 8P
140V PNP Low saturation medium power transistor in SOT89
JUNE 2008
ZXTP2014Z DIODES-ZXTP2014Z Datasheet
116Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
AUGUST 2005
ZX5T955G DIODES-ZX5T955G_15 Datasheet
430Kb / 7P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZX5T955Z DIODES-ZX5T955Z_15 Datasheet
261Kb / 8P
140V PNP Low saturation medium power transistor in SOT89
JUNE 2008
ZXTP2014G DIODES-ZXTP2014G_15 Datasheet
429Kb / 7P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com