Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2014G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2014G
Description  140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2014G Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2014G Datasheet HTML 1Page - Diodes Incorporated ZXTP2014G Datasheet HTML 2Page - Diodes Incorporated ZXTP2014G Datasheet HTML 3Page - Diodes Incorporated ZXTP2014G Datasheet HTML 4Page - Diodes Incorporated ZXTP2014G Datasheet HTML 5Page - Diodes Incorporated ZXTP2014G Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SUMMARY
BVCEO = -140V : RSAT = 92m ; IC = -4A
DESCRIPTION
Packaged in the SOT223 outline this new low saturation 140V PNP transistor
offers extremely low on state losses making it ideal for use in DC-DC circuits
and various driving and power management functions.
FEATURES
• 4 amps continuous current
• Up to 10 amps peak current
• Very low saturation voltages
APPLICATIONS
• Motor driving
• Line switching
• High side switches
• Subscriber line interface cards (SLIC)
DEVICE MARKING
ZXTP
2014
ZXTP2014G
ISSUE 1 - JUNE 2005
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
IN SOT223
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTP2014GTA
7”
12mm
embossed
1,000 units
ZXTP2014GTC
13"
4,000 units
ORDERING INFORMATION
PINOUT
TOP VIEW
SOT223


Similar Part No. - ZXTP2014G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2014G ZETEX-ZXTP2014G Datasheet
112Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Skyworks Solutions Inc.
ZXTP2014G SKYWORKS-ZXTP2014G Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
ZXTP2014G SKYWORKS-ZXTP2014G Datasheet
616Kb / 46P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
logo
Zetex Semiconductors
ZXTP2014GTA ZETEX-ZXTP2014GTA Datasheet
112Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2014GTC ZETEX-ZXTP2014GTC Datasheet
112Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZXTP2014G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZX5T955G ETC-ZX5T955G Datasheet
113Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2014Z ZETEX-ZXTP2014Z Datasheet
107Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T955Z ZETEX-ZX5T955Z Datasheet
94Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2014G ZETEX-ZXTP2014G Datasheet
112Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T955G DIODES-ZX5T955G Datasheet
122Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
AUGUST 2004
ZX5T955Z DIODES-ZX5T955Z Datasheet
261Kb / 8P
140V PNP Low saturation medium power transistor in SOT89
JUNE 2008
ZXTP2014Z DIODES-ZXTP2014Z Datasheet
116Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
AUGUST 2005
ZX5T955G DIODES-ZX5T955G_15 Datasheet
430Kb / 7P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 4
ZX5T955Z DIODES-ZX5T955Z_15 Datasheet
261Kb / 8P
140V PNP Low saturation medium power transistor in SOT89
JUNE 2008
ZXTP2014G DIODES-ZXTP2014G_15 Datasheet
429Kb / 7P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com