Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2014Z Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP2014Z
Description  140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2014Z Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP2014Z Datasheet HTML 1Page - Diodes Incorporated ZXTP2014Z Datasheet HTML 2Page - Diodes Incorporated ZXTP2014Z Datasheet HTML 3Page - Diodes Incorporated ZXTP2014Z Datasheet HTML 4Page - Diodes Incorporated ZXTP2014Z Datasheet HTML 5Page - Diodes Incorporated ZXTP2014Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTP2014Z
SEMICO NDUC TORS
ISSUE 2 - AUGUST 2005
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-base breakdown voltage
BVCBO
-180
-200
V
IC = -100 A
Collector-emitter breakdown voltage
BVCER
-180
-200
V
IC =-1 A, RB
1k
Collector-emitter breakdown voltage
BVCEO
-140
-160
V
IC =-10mA*
Emitter-base breakdown voltage
BVEBO
-7.0
-8.0
V
IE =-100 A
Collector cut-off current
ICBO
1
-20
-0.5
nA
A
VCB = -150V
VCB = -150V, Tamb=100 C
Collector cut-off current
ICER
R
1k
1
-20
-0.5
nA
A
VCB = -150V
VCB = -150V, Tamb=100 C
Emitter cut-off current
IEBO
1
-10
nA
VEB =-6V
Collector-emitter saturation voltage
VCE(SAT)
-37
-50
-80
-255
-60
-75
-115
-330
mV
mV
mV
mV
IC = -0.1A, IB =-5mA*
IC = -0.5A, IB = -50mA*
IC =-1A,IB = -100mA*
IC =-3A,IB = -300mA*
Base-emitter saturation voltage
VBE(SAT)
-910
-1010
mV
IC =-3A,IB = -300mA*
Base-emitter turn on voltage
VBE(ON)
-800
-900
mV
IC =-3A,VCE =-5V*
Static forward current transfer ratio
hFE
100
100
45
225
200
100
5
300
IC = -10mA, VCE =-5V*
IC =-1A,VCE =-5V*
IC =-3A,VCE =-5V*
IC = -10A, VCE =-5V*
Transition frequency
fT
120
MHz IC = -100mA, VCE = -10V
f=50MHz
Output capacitance
COBO
33
pF
VCB = -10V, f= 1MHz*
Switching times
tON
tOFF
42
636
ns
IC =-1A,VCC = -50V,
IB1 =-IB2 = -100mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com