Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2013Z Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP2013Z
Description  100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2013Z Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP2013Z Datasheet HTML 1Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 2Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 3Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 4Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 5Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXTP2013Z
ISSUE 1 - JUNE 2005
2
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-base voltage
BVCBO
-140
V
Collector-emitter voltage
BVCEO
-100
V
Emitter-base voltage
BVEBO
-7
V
Continuous collector current
(a)
IC
-3.5
A
Peak pulse current
ICM
-10
A
Power dissipation at TA=25°C
(a)
Linear derating factor
PD
1.5
12
W
mW/°C
Power dissipation at TA=25°C
(b)
Linear derating factor
PD
2.1
16.8
W
mW/°C
Operating and storage temperature range
Tj,Tstg
-55 to 150
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to ambient
(a)
R JA
83
°C/W
Junction to ambient
(b)
R JA
60
°C/W
NOTES:
(a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(b) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
THERMAL RESISTANCE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com