Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2008Z Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP2008Z
Description  30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2008Z Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP2008Z Datasheet HTML 1Page - Diodes Incorporated ZXTP2008Z Datasheet HTML 2Page - Diodes Incorporated ZXTP2008Z Datasheet HTML 3Page - Diodes Incorporated ZXTP2008Z Datasheet HTML 4Page - Diodes Incorporated ZXTP2008Z Datasheet HTML 5Page - Diodes Incorporated ZXTP2008Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTP2008Z
ISSUE 1 - JUNE 2005
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Collector-base breakdown voltage
BVCBO
-50
-70
V
IC = -100 A
Collector-emitter breakdown voltage BVCER
-50
-70
V
IC =-1 A, RB <1k
Collector-emitter breakdown voltage BVCEO
-30
-40
V
IC = -10mA *
Emitter-base breakdown voltage
BVEBO
-7.0
-8.0
V
IE = -100 A
Collector cut-off current
ICBO
<-1
-20
-0.5
nA
A
VCB = -40V
VCB = -40V,Tamb =100°C
Collector cut-off current
ICER
R<1k
<-1
-20
-0.5
nA
A
VCB = -40V
VCB = -40V,Tamb =100°C
Emitter cut-off current
IEBO
<-1
-10
nA
VEB = -6V
Collector-emitter saturation voltage
VCE(SAT)
-25
-35
-55
-55
-130
-40
-55
-80
-80
-175
mV
mV
mV
mV
mV
IC = -0.5A, IB = -20mA *
IC = -1A, IB = -100mA *
IC = -1A, IB = -20mA *
IC = -2A, IB = -200mA *
IC = -5.5A, IB =-500mA *
Base-emitter saturation voltage
VBE(SAT)
-970
-1070
mV
IC = -5.5A, IB = -500mA *
Base-emitter turn-on voltage
VBE(ON)
-860
-960
mV
IC = -5.5A, VCE = -1V *
Static forward current transfer ratio
hFE
100
100
70
10
225
200
145
20
300
IC = -10mA, VCE = -1V *
IC = -1A, VCE = -1V *
IC = -5A, VCE = -1V *
IC = -20A, VCE = -1V *
Transition frequency
fT
110
MHz
IC = -100mA, VCE = -10V
f = 50MHz
Output capacitance
COBO
83
pF
VCB = -10V, f = 1MHz *
Switching times
tON
tOFF
43
230
ns
IC = -1A, VCC = -10V,
IB1 =-IB2 = -100mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
NOTES
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com