Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2008Z Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2008Z
Description  30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2008Z Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2008Z Datasheet HTML 1Page - Diodes Incorporated ZXTP2008Z Datasheet HTML 2Page - Diodes Incorporated ZXTP2008Z Datasheet HTML 3Page - Diodes Incorporated ZXTP2008Z Datasheet HTML 4Page - Diodes Incorporated ZXTP2008Z Datasheet HTML 5Page - Diodes Incorporated ZXTP2008Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUMMARY
BVCEO = -30V : RSAT = 24m ; IC = -5.5A
DESCRIPTION
Packaged in the SOT89 outline this new low saturation
30V PNP transistor offers low on state losses making it
ideal for use in DC-DC circuits, line switching and
various driving and power management functions.
FEATURES
• 5.5 amps continuous current
• Up to 20 amps peak current
• Very low saturation voltages
• Exceptional gain linearity down to 10mA
• Excellent high current gain hold up
APPLICATIONS
• DC - DC converters
• MOSFET gate drivers
• Charging circuits
• Power switches
• Motor control
DEVICE MARKING
949
ZXTP2008Z
ISSUE 1 - JUNE 2005
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
1
SOT89
PINOUT
TOP VIEW
DEVICE
REEL
SIZE
TAPE WIDTH
QUANTITY PER
REEL
ZXTP2008ZTA
7"
12mm
embossed
1000 units
ORDERING INFORMATION


Similar Part No. - ZXTP2008Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2008Z ZETEX-ZXTP2008Z Datasheet
111Kb / 6P
30V PNP LOW SATURATION MEDUIM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2008Z DIODES-ZXTP2008Z Datasheet
495Kb / 7P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 2
logo
Zetex Semiconductors
ZXTP2008ZTA ZETEX-ZXTP2008ZTA Datasheet
111Kb / 6P
30V PNP LOW SATURATION MEDUIM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2008ZTA DIODES-ZXTP2008ZTA Datasheet
495Kb / 7P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 2
ZXTP2008Z DIODES-ZXTP2008Z_15 Datasheet
120Kb / 6P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results

Similar Description - ZXTP2008Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T849Z ZETEX-ZX5T849Z Datasheet
119Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007Z ZETEX-ZXTN2007Z Datasheet
120Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2008Z ZETEX-ZXTP2008Z Datasheet
111Kb / 6P
30V PNP LOW SATURATION MEDUIM POWER TRANSISTOR IN SOT89
ZX5T949Z ZETEX-ZX5T949Z Datasheet
124Kb / 6P
MPPS TM 30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZX5T949Z DIODES-ZX5T949Z Datasheet
127Kb / 6P
MPPS??30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
DECEMBER 2004
ZX5T849Z DIODES-ZX5T849Z Datasheet
128Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
DECEMBER 2004
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2008Z DIODES-ZXTP2008Z_15 Datasheet
120Kb / 6P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com