Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABH3 Datasheet (PDF) - Abracon Corporation

ABH3 Datasheet PDF - Abracon Corporation
Part # ABH3
Download  ABH3 Download
File Size   876.59 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description INDUSTRIAL GRADE 5.0 x 3.2 x 1.1mm GLASS SEALED 2 PADS SMD CRYSTAL

ABH3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABH3 Datasheet PDF - Abracon Corporation

Part # ABH3
Download  ABH3 Click to download

File Size   876.59 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description INDUSTRIAL GRADE 5.0 x 3.2 x 1.1mm GLASS SEALED 2 PADS SMD CRYSTAL

ABH3 Datasheet (HTML) - Abracon Corporation




Similar Part No. - ABH3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABH3B ABRACON-ABH3B Datasheet
1Mb / 2P
INDUSTRIAL GRADE GLASS SEALED 4 PADS SMD CRYSTAL
02.15.10
More results


Similar Description - ABH3

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0041-OV-TYPE TAITIEN-XO-0041-OV-TYPE Datasheet
367Kb / 1P
5.0 x 3.2 mm SMD Crystal Oscillator
AT-0013-XS TAITIEN-AT-0013-XS Datasheet
241Kb / 1P
5.0 x 3.2 mm Glass Seal SMD Crystal
AT-0014-XV TAITIEN-AT-0014-XV Datasheet
267Kb / 1P
5.0 x 3.2 mm SMD Crystal
logo
Abracon Corporation
ABH3B ABRACON-ABH3B Datasheet
1Mb / 2P
INDUSTRIAL GRADE GLASS SEALED 4 PADS SMD CRYSTAL
02.15.10
ABH4B ABRACON-ABH4B Datasheet
1Mb / 2P
INDUSTRIAL GRADE 7.0 x 5.0 x 1.6mm GLASS SEALED 4 PADS SMD CRYSTAL
02.15.10
logo
TXC Corporation.
7A-SERIES TXC-7A-SERIES Datasheet
984Kb / 1P
2 pads SMD glass sealed crystal units.
logo
Transko Electronics, In...
CS53A TRANSKO-CS53A Datasheet
230Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 6: 10-10-19
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
CS75 TRANSKO-CS75 Datasheet
232Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (7.0 x 5.0 x 1.1mm)
Rev.4:10-10-19
CX53A TRANSKO-CX53A Datasheet
306Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 0: 11-12-2020
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com