Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABH4B Datasheet (PDF) - Abracon Corporation

ABH4B Datasheet PDF - Abracon Corporation
Part # ABH4B
Download  ABH4B Download
File Size   1395.2 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description INDUSTRIAL GRADE 7.0 x 5.0 x 1.6mm GLASS SEALED 4 PADS SMD CRYSTAL

ABH4B Datasheet (PDF)

Go To PDF Page Download Datasheet
ABH4B Datasheet PDF - Abracon Corporation

Part # ABH4B
Download  ABH4B Click to download

File Size   1395.2 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description INDUSTRIAL GRADE 7.0 x 5.0 x 1.6mm GLASS SEALED 4 PADS SMD CRYSTAL

ABH4B Datasheet (HTML) - Abracon Corporation




Similar Part No. - ABH4B

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ABH403U250A ALTECH-ABH403U250A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
ABH403U300A ALTECH-ABH403U300A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
ABH403U350A ALTECH-ABH403U350A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
ABH403U400A ALTECH-ABH403U400A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
logo
Abracon Corporation
ABH4A ABRACON-ABH4A Datasheet
895Kb / 2P
AEC-Q200 COMPLIANT GLASS SEALED AUTOMOTIVE GRADE SMD CRYSTAL
02.19.10
More results


Similar Description - ABH4B

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0007-OC-TYPE TAITIEN-XO-0007-OC-TYPE Datasheet
231Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
XO-0055-OC-M TAITIEN-XO-0055-OC-M Datasheet
373Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
logo
Abracon Corporation
ABH3 ABRACON-ABH3 Datasheet
876Kb / 2P
INDUSTRIAL GRADE 5.0 x 3.2 x 1.1mm GLASS SEALED 2 PADS SMD CRYSTAL
02.15.10
ABH3B ABRACON-ABH3B Datasheet
1Mb / 2P
INDUSTRIAL GRADE GLASS SEALED 4 PADS SMD CRYSTAL
02.15.10
logo
TXC Corporation.
7R-SERIES TXC-7R-SERIES Datasheet
971Kb / 1P
4 pads SMD glass sealed Crystal.
7S-SERIES TXC-7S-SERIES Datasheet
978Kb / 1P
4 pads SMD glass sealed Crystal.
7V-SERIES TXC-7V-SERIES Datasheet
1,001Kb / 1P
4 pads SMD glass sealed crystal.
logo
Transko Electronics, In...
TGM TRANSKO-TGM Datasheet
583Kb / 2P
CERAMIC SMD LVDS/LVPECL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev.3: Jan. 2016
TISM TRANSKO-TISM Datasheet
318Kb / 1P
CERAMIC SMD LVDS OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev 2: 03-27-2023
TPSM TRANSKO-TPSM Datasheet
416Kb / 1P
CERAMIC SMD LVPECL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev.1: Jul. 2014
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com