Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM5156M Datasheet (PDF) - NXP Semiconductors

OM5156M Datasheet PDF - NXP Semiconductors
Part # OM5156M
Download  OM5156M Download
File Size   160.6 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage dual frequency synthesizer for radio telephones

OM5156M Datasheet (PDF)

Go To PDF Page Download Datasheet
OM5156M Datasheet PDF - NXP Semiconductors

Part # OM5156M
Download  OM5156M Click to download

File Size   160.6 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage dual frequency synthesizer for radio telephones

OM5156M Datasheet (HTML) - NXP Semiconductors


OM5156M Product details

GENERAL DESCRIPTION

The OM5156M BICMOS device integrates prescalers, programmable dividers, and phase comparators to implement two phase-locked loops. The device is designed to operate from 3 NiCd cells, in pocket phones, with low current and a wide supply voltage range from 2.7 to 5.5 V.

The principal synthesizer operates at RF input frequencies up to 2 GHz the auxiliary synthesizer operates at 300 MHz. The auxiliary loop is intended for the first IF or to transmit offset loop-frequency settings. Each synthesizer has a fully programmable reference divider. All divider ratios are supplied via a 3-wire serial programming bus.



FEATURES

• Low current from 3 V supply

• Fully programmable RF divider

• 3-line serial interface bus

• Second synthesizer to control first IF or offset loop frequency

• Independent fully programmable reference dividers for each loop, driven from external crystal oscillator

• Dual phase detector outputs to allow fast frequency switching

• Dual power-down modes.



APPLICATIONS

• 2 GHz mobile telephones

• Portable battery-powered radio equipment.



 




Similar Part No. - OM5156M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5155 ETC1-OM5155 Datasheet
110Kb / 2P
Carbon Film Resistors 5% Tolerance
More results


Similar Description - OM5156M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1015AM PHILIPS-UMA1015AM Datasheet
159Kb / 24P
Low-power dual frequency synthesizer for radio communications
1997 Sep 03
UMA1017M PHILIPS-UMA1017M Datasheet
171Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 10
UMA1018M PHILIPS-UMA1018M Datasheet
166Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Jun 27
UMA1019AM PHILIPS-UMA1019AM Datasheet
134Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1019M PHILIPS-UMA1019M Datasheet
134Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1020AM PHILIPS-UMA1020AM Datasheet
159Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Jul 06
UMA1020M PHILIPS-UMA1020M Datasheet
163Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Jun 15
UMA1021AM PHILIPS-UMA1021AM Datasheet
104Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
UMA1021M PHILIPS-UMA1021M Datasheet
107Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1999 Jun 17
UMA1022M PHILIPS-UMA1022M Datasheet
126Kb / 20P
Low cost dual frequency synthesizer for radio telephones
1998 Dec 09
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com