Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMA1019AM Datasheet (PDF) - NXP Semiconductors

UMA1019AM Datasheet PDF - NXP Semiconductors
Part # UMA1019AM
Download  UMA1019AM Download
File Size   134.75 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage frequency synthesizer for radio telephones

UMA1019AM Datasheet (PDF)

Go To PDF Page Download Datasheet
UMA1019AM Datasheet PDF - NXP Semiconductors

Part # UMA1019AM
Download  UMA1019AM Click to download

File Size   134.75 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage frequency synthesizer for radio telephones

UMA1019AM Datasheet (HTML) - NXP Semiconductors


UMA1019AM Product details

GENERAL DESCRIPTION
The UMA1019AM BICMOS device integrates prescalers, a programmable divider, and phase comparator to implement a phase-locked loop. The device is designed to operate from 3 NiCd cells, in pocket phones, with low current and nominal 5 V supplies.

FEATURES
• Low current from 3 V supply
• Fully programmable RF divider
• 3-line serial interface bus
• Independent fully programmable reference divider, driven from external crystal oscillator
• Dual phase detector outputs to allow fast frequency switching
• Dual power-down modes.

APPLICATIONS
• 1 to 1.7 GHz mobile telephones
• Portable battery-powered radio equipment.




Similar Part No. - UMA1019AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1019M PHILIPS-UMA1019M Datasheet
134Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
More results


Similar Description - UMA1019AM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1017M PHILIPS-UMA1017M Datasheet
171Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 10
UMA1018M PHILIPS-UMA1018M Datasheet
166Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Jun 27
UMA1019M PHILIPS-UMA1019M Datasheet
134Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1020AM PHILIPS-UMA1020AM Datasheet
159Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Jul 06
UMA1020M PHILIPS-UMA1020M Datasheet
163Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Jun 15
UMA1021AM PHILIPS-UMA1021AM Datasheet
104Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1998 Nov 19
UMA1021M PHILIPS-UMA1021M Datasheet
107Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1999 Jun 17
UMA1022M PHILIPS-UMA1022M Datasheet
126Kb / 20P
Low cost dual frequency synthesizer for radio telephones
1998 Dec 09
logo
ATMEL Corporation
U4256BM-R ATMEL-U4256BM-R Datasheet
403Kb / 19P
Frequency Synthesizer for Radio Tuning
logo
NXP Semiconductors
OM5156M PHILIPS-OM5156M Datasheet
160Kb / 20P
Low-voltage dual frequency synthesizer for radio telephones
1995 Nov 24
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com