Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMA1019AM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UMA1019AM
Description  Low-voltage frequency synthesizer for radio telephones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1019AM Datasheet(HTML) 4 Page - NXP Semiconductors

  UMA1019AM Datasheet HTML 1Page - NXP Semiconductors UMA1019AM Datasheet HTML 2Page - NXP Semiconductors UMA1019AM Datasheet HTML 3Page - NXP Semiconductors UMA1019AM Datasheet HTML 4Page - NXP Semiconductors UMA1019AM Datasheet HTML 5Page - NXP Semiconductors UMA1019AM Datasheet HTML 6Page - NXP Semiconductors UMA1019AM Datasheet HTML 7Page - NXP Semiconductors UMA1019AM Datasheet HTML 8Page - NXP Semiconductors UMA1019AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1995 Jul 07
4
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer
for radio telephones
UMA1019AM
PINNING
SYMBOL
PIN
DESCRIPTION
FAST
1
control input to speed-up main
synthesizer
CPF
2
speed-up charge-pump output
CP
3
normal charge-pump output
VDD1
4
digital power supply 1
VDD2
5
digital power supply 2
RFI
6
1.7 GHz RF main divider input
DGND1
7
digital ground 1
fXTAL
8
crystal frequency input from TCXO
POFF
9
power-down input
n.c.
10
not connected
CLK
11
programming bus clock input
DATA
12
programming bus data input
E
13
programming bus enable input
(active LOW)
ISET
14
regulator pin to set the charge-pump
currents
n.c.
15
not connected
AGND
16
analog ground
n.c.
17
not connected
VCC
18
supply for charge-pump
VDD3
19
digital power supply 3
LOCK
20
in-lock detect output; test mode
output
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com