Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3533 Datasheet (PDF) - NEC

UPC3533 Datasheet PDF - NEC
Part # UPC3533
Download  UPC3533 Download
File Size   68.7 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description THREE-THERMAL POSITIVE OUTPUT VOLTAGE

UPC3533 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC3533 Datasheet PDF - NEC

Part # UPC3533
Download  UPC3533 Click to download

File Size   68.7 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description THREE-THERMAL POSITIVE OUTPUT VOLTAGE

UPC3533 Datasheet (HTML) - NEC


UPC3533 Product details

DESCRIPTION

The µPC3533 and 3504 are three-thermal positive output voltage regulators with an output current of 1 A at respective output voltages of 3.3 and 4 V. These regulators are guaranteed to operate at as low as −40°C.



FEATURES

• Output current capacity: 1 A

• On-chip overcurrent limiter

• On-chip output transistor safe operation area protection

• On-chip thermal protection

• Output capacitor capacitance: 0.1 µF or higher

• Wide operating temperature range: TA = −40 to +85°C




Similar Part No. - UPC3533

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3533 RENESAS-UPC3533 Datasheet
204Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
UPC3533HF RENESAS-UPC3533HF Datasheet
204Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results


Similar Description - UPC3533

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
Three-terminal adjustable output positive voltage regulator
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com