Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317M Datasheet (PDF) - ON Semiconductor

LM317M Datasheet PDF - ON Semiconductor
Part # LM317M
Download  LM317M Download
File Size   232.01 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Three-Terminal Adjustable Output Positive Voltage Regulator

LM317M Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317M Datasheet PDF - ON Semiconductor

Part # LM317M
Download  LM317M Click to download

File Size   232.01 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Three-Terminal Adjustable Output Positive Voltage Regulator

LM317M Datasheet (HTML) - ON Semiconductor


LM317M Product details

500 mA Adjustable Output, Positive Voltage Regulator

The LM317M is an adjustable three−terminal positive voltage regulator capable of supplying in excess of 500 mA over an output voltage range of 1.2 V to 37 V. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area compensation, making it essentially blow−out proof.

Features
• Output Current in Excess of 500 mA
• Output Adjustable between 1.2 V and 37 V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe−Area Compensation
• Floating Operation for High Voltage Applications
• Eliminates Stocking Many Fixed Voltages
• Pb−Free Packages are Available
• NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes




Similar Part No. - LM317M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM317M STMICROELECTRONICS-LM317M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
LM317M FAIRCHILD-LM317M Datasheet
224Kb / 8P
3-Terminal 0.5A Positive Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
159Kb / 13P
500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
More results


Similar Description - LM317M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
Three-terminal adjustable output positive voltage regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com