Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317M Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM317M
Description  Three-Terminal Adjustable Output Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317M Datasheet(HTML) 2 Page - ON Semiconductor

  LM317M Datasheet HTML 1Page - ON Semiconductor LM317M Datasheet HTML 2Page - ON Semiconductor LM317M Datasheet HTML 3Page - ON Semiconductor LM317M Datasheet HTML 4Page - ON Semiconductor LM317M Datasheet HTML 5Page - ON Semiconductor LM317M Datasheet HTML 6Page - ON Semiconductor LM317M Datasheet HTML 7Page - ON Semiconductor LM317M Datasheet HTML 8Page - ON Semiconductor LM317M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM317M
http://onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input−Output Voltage Differential
VI−VO
40
Vdc
Power Dissipation (Package Limitation) (Note 1)
Plastic Package, T Suffix, Case 221A
TA = 25°C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
Plastic Package, DT Suffix, Case 369C
TA = 25°C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
Plastic Package, ST Suffix, Case 318E
TA = 25°C
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
PD
qJA
qJC
PD
qJA
qJC
PD
qJA
qJC
Internally Limited
70
5.0
Internally Limited
92
5.0
Internally Limited
245
15
°C/W
°C/W
°C/W
°C/W
°C/W
°C/W
Operating Junction Temperature Range
TJ
− 40 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Figure 25 provides thermal resistance versus pc board pad size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com