Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317M Datasheet (PDF) - ON Semiconductor

LM317M Datasheet PDF - ON Semiconductor
Part # LM317M
Download  LM317M Download
File Size   159.45 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA Adjustable Output, Positive Voltage Regulator

LM317M Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317M Datasheet PDF - ON Semiconductor

Part # LM317M
Download  LM317M Click to download

File Size   159.45 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 500 mA Adjustable Output, Positive Voltage Regulator

LM317M Datasheet (HTML) - ON Semiconductor


LM317M Product details

500 mA Adjustable Output, Positive Voltage Regulator

The LM317M is an adjustable three−terminal positive voltage regulator capable of supplying in excess of 500 mA over an output voltage range of 1.2 V to 37 V. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area compensation, making it essentially blow−out proof.
The LM317M serves a wide variety of applications including local, on−card regulation. This device also makes an especially simple adjustable switching regulator, a programmable output regulator, or by connecting a fixed resistor between the adjustment and output, the LM317M can be used as a precision current regulator.

Features
• Output Current in Excess of 500 mA
• Output Adjustable between 1.2 V and 37 V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe−Area Compensation
• Floating Operation for High Voltage Applications
• Eliminates Stocking Many Fixed Voltages
• Pb−Free Packages are Available




Similar Part No. - LM317M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
STMicroelectronics
LM317M STMICROELECTRONICS-LM317M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
LM317M FAIRCHILD-LM317M Datasheet
224Kb / 8P
3-Terminal 0.5A Positive Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
More results


Similar Description - LM317M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
100 mA Adjustable Output Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
[100mA /Adjustable Output] Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com