Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1117 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1117 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1117
Download  TS1117 Download
File Size   147.53 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 800mA Low Dropout Positive Voltage Regulator

TS1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1117 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1117
Download  TS1117 Click to download

File Size   147.53 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 800mA Low Dropout Positive Voltage Regulator

TS1117 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1117 Product details

General Description
The TS1117 Series are high performance positive voltage regulators are designed for use in applications requiring low dropout performance at full rated current, Additionally, the PJ1117 Series provides excellent regulation over variations due to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device. The TS1117 Series are three terminal regulators with fixed and adjustable voltage options available in popular packages.

Features
● Low Dropout Performance 1.5V max.
● Fill Current Rating Over Line and Temperature.
● Fast Transient Response
● ±2%Total Output Regulation Over Line, Load and Temperature
● Adjust Pin Current max 90µA Over Temperature
● Line Regulation Typical 0.015%.
● Load Regulation Typical 0.05%.
● Fixed/Adjustable Output Voltage
● TO-220, TO-263 TO-252 and SOT-223 Package




Similar Part No. - TS1117

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
549Kb / 9P
1A Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
462Kb / 7P
1A Low Dropout Positive Voltage Regulator
Version: H1607
TS1117BCP TSC-TS1117BCP Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
More results


Similar Description - TS1117

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
800mA Low Dropout Positive Adjustable Regulator
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
800mA Fixed Low Dropout Positive Regulator
2002
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Taiwan Semiconductor Co...
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117S TSC-TS1117S Datasheet
362Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B_07 Datasheet
514Kb / 9P
800mA Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com