Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIC1117 Datasheet (PDF) - Analog Intergrations Corporation

AIC1117 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1117
Download  AIC1117 Download
File Size   111.16 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 800mA Low Dropout Positive Adjustable Regulator

AIC1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1117 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1117
Download  AIC1117 Click to download

File Size   111.16 Kbytes
Page   7 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 800mA Low Dropout Positive Adjustable Regulator

AIC1117 Datasheet (HTML) - Analog Intergrations Corporation


AIC1117 Product details

DESCRIPTION

The AIC1117 is a  low dropout three terminal regulator with  800mA output current capability. The output voltage is adjustable with the use of a resistor divider . For fixed output voltage versions, the output voltage is internally set at 2.85V, 3.3V or 5V. D ropout is guaranteed at a maximum of 1.3V at maximum output current. Its low dropout voltage and fast transient response make it ideal for low voltage microprocessor applications.  I nternal current and thermal limiting provides pr otection against any overload condition that would create excessive junction te mperatures.



FEATURES

l  Dropout Voltage 1.2V at 800mA Output Current.

l  Fast Transient Response.

l  Line Regulation typically at 0.015%.

l  Load Regulation typically at 0.1%.

l  Internal Thermal and Current Limiting.

l  Adjustable Output Voltage  or Fixed 2.85V, 3.3V, 5V.

l  Standard 3-Pin Power Packages.



APPLICATIONS

l  SCSI-2 Active Terminator.

l  Post Regulator for Switching Supply.

l  Battery Chargers.

l  Constant-Current Regulators.

l  PC Add-On Card.




Similar Part No. - AIC1117

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
AIC1117-18 AIC-AIC1117-18 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
AIC1117-25 AIC-AIC1117-25 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
AIC1117-33 AIC-AIC1117-33 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
logo
SYC Electronica
AIC1117-33CY SYC-AIC1117-33CY Datasheet
166Kb / 7P
800mA Low Dropout Positive Adjustable Regulator
More results


Similar Description - AIC1117

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
800mA Low Dropout Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
800mA Adjustable Low-Dropout Linear Regulator
logo
Taiwan Semiconductor Co...
TS1117S TSC-TS1117S Datasheet
362Kb / 6P
800mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com