Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16882 Datasheet (PDF) - NEC

UPD16882 Datasheet PDF - NEC
Part # UPD16882
Download  UPD16882 Download
File Size   190.12 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER

UPD16882 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16882 Datasheet PDF - NEC

Part # UPD16882
Download  UPD16882 Click to download

File Size   190.12 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER

UPD16882 Datasheet (HTML) - NEC


UPD16882 Product details

DESCRIPTION
The µPD16882 is a CD-ROM/DVD-ROM 3-phase spindle motor driver consisting of a CMOS controller and MOS bridge outputs.
By employing 3-phase full-wave PWM as the drive method and MOSFETs at the output stage, it has been possible to reduce the power consumption of the µPD16882 ever further than the drivers that use bipolar transistors.
By using a 30-pin shrink SOP package, a more compact-size has been achieved.

FEATURES
• Supply voltage for controller block: 5 V, supply voltage for output block: 12 V
• Low on-state resistance (total on-state resistance of upper and lower transistors) output RON = 1.1 Ω (TYP.)
• Low power consumption due to 3-phase full-wave PWM drive method
• On-chip hole bias switch (linked with STB pin)
• On-chip IND pulse switching function
• START/STOP pin included, acting as a brake during STOP
• Brake pin enabling reverse brake and short brake switching
• Standby pin included, turning off internal circuit in standby (Output high impedance)
• Low current consumption: IDD = 3 mA (Max.), IDD (ST) = 1 µA (Max.)
• On-chip thermal shutdown circuit
• On-chip undervoltage lockout circuit
• Overcurrent protector (can be externally set by external resistor)
• On-chip reverse revolution prevention circuit
• 30-pin plastic shrink SOP (7.62 mm (300))




Similar Part No. - UPD16882

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16882 RENESAS-UPD16882 Datasheet
276Kb / 22P
MOS INTEGRATED CIRCUIT
2001
UPD16882GS RENESAS-UPD16882GS Datasheet
276Kb / 22P
MOS INTEGRATED CIRCUIT
2001
More results


Similar Description - UPD16882

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16856 NEC-UPD16856 Datasheet
102Kb / 16P
MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Rohm
BA6855AFM ROHM-BA6855AFM Datasheet
131Kb / 8P
CD-ROM spindle motor driver
logo
Sanyo Semicon Device
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1916 SANYO-LB1916 Datasheet
127Kb / 7P
CD-ROM Spindle Motor Driver
logo
KEC(Korea Electronics)
KIA6833HF KEC-KIA6833HF Datasheet
247Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT(3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM/DVD)
logo
Rohm
BA6668FM ROHM-BA6668FM Datasheet
893Kb / 3P
3-Phase Motor Driver For CD-ROM/R-RW,DVD-ROM/RAM
logo
List of Unclassifed Man...
AMC5902 ETC1-AMC5902 Datasheet
272Kb / 14P
6CH Motor Driver for CD-ROM, DVD-ROM
BD6663FM ETC1-BD6663FM Datasheet
44Kb / 2P
3-phase Motor Driver for DVD-ROM Spindle Motors
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
logo
Renesas Technology Corp
PD16856 RENESAS-PD16856_15 Datasheet
229Kb / 18P
MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com