Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16856 Datasheet (PDF) - NEC

UPD16856 Datasheet PDF - NEC
Part # UPD16856
Download  UPD16856 Download
File Size   102.7 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER

UPD16856 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16856 Datasheet PDF - NEC

Part # UPD16856
Download  UPD16856 Click to download

File Size   102.7 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER

UPD16856 Datasheet (HTML) - NEC


UPD16856 Product details

MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER

The µPD16856 is a CD-ROM 3-phase spindle motor driver consisting of a CMOS controller and MOS bridge outputs.
By employing 3-phase full-wave PWM as the drive method and MOS FETs at the output stage, it has been possible to reduce the power consumption of the µPD16856 ever further than the conventional linear drive drivers that use bipolar transistors.
By using a 30-pin shrink SOP package, a more compact-size has been achieved.

FEATURES
• Supply voltage for controller block: 5 V, supply voltage for output block: 12 V 3 V input available for the input interface
• Low on-state resistance (total on-state resistance of upper and lower MOS FETs) RON = 1.3 Ω (TYP.)
• Low power consumption due to 3-phase full-wave PWM drive method
• On-chip hole bias switch (linked with STB pin)
• On-chip IND (FG) pulse switching function, 1-phase output or 3-phase composite output
• START/STOP pin included, acting as a brake during STOP
• Standby pins included, turning off internal circuit in standby
• Low current consumption: IDD = 3 mA (Max.), IDD (ST) = 1 µA (Max.)
• On-chip thermal shutdown circuit
• On-chip current limiting circuit; reference voltage can be set externally
• On-chip low voltage malfunction prevention circuit
• On-chip reverse rotation prevention circuit
• 30-pin plastic shrink SOP (300 mil)




Similar Part No. - UPD16856

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16856 RENESAS-UPD16856 Datasheet
229Kb / 18P
MOS INTEGRATED CIRCUIT
1999
UPD16856GS RENESAS-UPD16856GS Datasheet
229Kb / 18P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD16856

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6855AFM ROHM-BA6855AFM Datasheet
131Kb / 8P
CD-ROM spindle motor driver
logo
Sanyo Semicon Device
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1895 SANYO-LB1895 Datasheet
192Kb / 12P
3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1916 SANYO-LB1916 Datasheet
127Kb / 7P
CD-ROM Spindle Motor Driver
logo
NEC
UPD16882 NEC-UPD16882 Datasheet
190Kb / 20P
MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
logo
Renesas Technology Corp
PD16856 RENESAS-PD16856_15 Datasheet
229Kb / 18P
MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com