Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16886 Datasheet (PDF) - NEC

UPD16886 Datasheet PDF - NEC
Part # UPD16886
Download  UPD16886 Download
File Size   137.64 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC 1.5-CHANNEL H BRIDGE DRIVER CIRCUIT FOR CAMERAS

UPD16886 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16886 Datasheet PDF - NEC

Part # UPD16886
Download  UPD16886 Click to download

File Size   137.64 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC 1.5-CHANNEL H BRIDGE DRIVER CIRCUIT FOR CAMERAS

UPD16886 Datasheet (HTML) - NEC


UPD16886 Product details

DESCRIPTION
The µPD16886 is a monolithic H bridge driver LSI that employs N-channel MOSFETs in its output stage. This IC incorporates a 1.5-channel H bridge circuit and can control two motors that do not operate at the same time. In addition, forward/reverse, brake, and stop functions are available, making this LSI ideal for driving motors such as the motor for winding the camera film and the lens zoom motor.

FEATURES
○ Large output current ID(DC) = 1.0 A During continuous operation
                                     ID(pulse) = 2.8 A PW ≤ 20 ms, during single operation
                                     ID(pulse) = 2.2 A PW ≤ 200 ms, during single operation
○ On-chip 1.5-channel H bridge circuit
○ Low on-resistance RON = 0.5 Ω max. Sum of the top and bottom on-resistance, total temperature range
○ On-chip standby circuit to set the charge pump circuit to OFF
○ Low-voltage operation is possible (operable at 2.7 V or higher)
○ On-chip undervoltage lockout circuit
○ Mounted in a small-scale package 24-pin plastic TSSOP




Similar Part No. - UPD16886

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16886 RENESAS-UPD16886 Datasheet
251Kb / 18P
MOS INTEGRATED CIRCUIT
2002
UPD16886MA-6A5 RENESAS-UPD16886MA-6A5 Datasheet
251Kb / 18P
MOS INTEGRATED CIRCUIT
2002
More results


Similar Description - UPD16886

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16818 NEC-UPD16818 Datasheet
136Kb / 15P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD168101 NEC-UPD168101 Datasheet
115Kb / 16P
MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD16814 RENESAS-PD16814_15 Datasheet
199Kb / 14P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com