Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16803 Datasheet (PDF) - NEC

UPD16803 Datasheet PDF - NEC
Part # UPD16803
Download  UPD16803 Download
File Size   97.4 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT

UPD16803 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16803 Datasheet PDF - NEC

Part # UPD16803
Download  UPD16803 Click to download

File Size   97.4 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT

UPD16803 Datasheet (HTML) - NEC


UPD16803 Product details

DESCRIPTION

The µPD16803 is a monolithic dual H bridge driver circuit which uses N-channel power MOS FETs in its driver stage. By employing the power MOS FETs for the output stage, this driver circuit has a substantially improved saturation voltage and power consumption as compared with conventional driver circuits that use bipolar transistors.

In addition, the drive current can be adjusted by an external resistor in a power-saving mode.

The µPD16803 is therefore ideal as the driver circuit of the 2-phase excitation, bipolar-driven stepping motor for the head actuator of an FDD.



FEATURES

• Low ON resistance (sum of ON resistors of top and bottom transistors)

   RON1 = 1.5 Ω TYP. (VM = 5.0 V)

   RON2 = 2.0 Ω TYP. (VM = 12.0 V)

• Low current consumption: IDD = 0.4 mA TYP.

• Stop mode function that turns OFF all output transistors

• Compact surface mount package: 20-pin plastic SOP (300 mil)



 




Similar Part No. - UPD16803

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16803 RENESAS-UPD16803 Datasheet
297Kb / 14P
MOS INTEGRATED CIRCUIT
1997
UPD16803GS RENESAS-UPD16803GS Datasheet
297Kb / 14P
MOS INTEGRATED CIRCUIT
1997
More results


Similar Description - UPD16803

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16808 NEC-UPD16808 Datasheet
96Kb / 12P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16813 NEC-UPD16813 Datasheet
68Kb / 8P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16814 NEC-UPD16814 Datasheet
94Kb / 12P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16818 NEC-UPD16818 Datasheet
136Kb / 15P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16814 RENESAS-PD16814_15 Datasheet
199Kb / 14P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16818 RENESAS-PD16818_15 Datasheet
253Kb / 17P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com