Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16808 Datasheet (PDF) - NEC

UPD16808 Datasheet PDF - NEC
Part # UPD16808
Download  UPD16808 Download
File Size   96.87 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT

UPD16808 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16808 Datasheet PDF - NEC

Part # UPD16808
Download  UPD16808 Click to download

File Size   96.87 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT

UPD16808 Datasheet (HTML) - NEC


UPD16808 Product details

DESCRIPTION
The µPD16808 is a monolithic dual H bridge driver circuit which employing N-channel power MOS FETs for its driver stage. By using the power MOS FETs for the output stage, saturation voltage and power consumption are substantially improved as compared with conventional driver circuits that use bipolar transistors.
Because the dual H bridge driver circuits at the output stage are independent of each other, this IC is ideal as the driver circuit for a 1- to 2-phase excitation bipolar driving stepping motor for the head actuator of an FDD.

FEATURES
• Low ON resistance (sum of ON resistors of top and bottom FETS)
    RON1 = 1.0 Ω TYP. (VM = 5.0 V)
    RON2 = 1.5 Ω TYP. (VM = 12.0 V)
• Low current consumption: IDD = 0.4 mA TYP.
• Four input modes independently controlling dual H bridge drivers (with 1- to 2-phase excitation selected)
• Motor voltage 12 V/5 V compatible
• Compact surface mount package: 20-pin plastic SOP (300 mil)




Similar Part No. - UPD16808

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16808 RENESAS-UPD16808 Datasheet
205Kb / 14P
MOS INTEGRATED CIRCUIT
1997
UPD16808GS RENESAS-UPD16808GS Datasheet
205Kb / 14P
MOS INTEGRATED CIRCUIT
1997
More results


Similar Description - UPD16808

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16813 NEC-UPD16813 Datasheet
68Kb / 8P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16814 NEC-UPD16814 Datasheet
94Kb / 12P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16818 NEC-UPD16818 Datasheet
136Kb / 15P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16814 RENESAS-PD16814_15 Datasheet
199Kb / 14P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16818 RENESAS-PD16818_15 Datasheet
253Kb / 17P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com