Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77210 Datasheet (PDF) - NEC

UPD77210 Datasheet PDF - NEC
Part # UPD77210
Download  UPD77210 Download
File Size   467.32 Kbytes
Page   74 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR

UPD77210 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD77210 Datasheet PDF - NEC

Part # UPD77210
Download  UPD77210 Click to download

File Size   467.32 Kbytes
Page   74 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR

UPD77210 Datasheet (HTML) - NEC


UPD77210 Product details

16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR



The µPD77210 and 77213 are 16-bit fixed-point digital signal processors (DSP).

Compared with the existing members of the µPD77111 Family, the µPD77210 Family consumes less power and is ideal for battery-driven mobile terminal applications such as PDAs and cellular telephones. The µP77210 Family is DSP is also compatible with the µPD77111 Family at the binary  level.



FEATURES

•Instruction cycle (operating clock):

  µPD77210 6.25 ns MIN. (160 MHz MAX.)

  µPD77213 8.33 ns MIN. (120 MHz MAX.)

•Memory

-Internal instruction memory:

  µPD77210 :RAM 31.5 Kwords x 32 bits

  µPD77213 :RAM 15.5 Kwords x 32 bits

                 ROM 64 Kwords x 32 bits

-Data memory:

  µPD77210 :RAM 30 Kwords x 16 bits x 2 planes (X and Y data memories)

               External memory space 1 Mwords x 16 bits (common to X and Y data memories)

µPD77213 :RAM 18 Kwords x 16 bits x 2 planes (X and Y data memories)

              ROM 32 Kwords x 16 bits x 2 planes (X and Y data memories)

              External memory space 1 Mwords x 16 bits (common to X and Y data memories)

•Peripheral

-Audio serial interface: 1 channel

-Time-division serial interface: 1 channel

-16-bit host interface: 1 channel

-16-bit general-purpose port

-16-bit timer: 2 channels

-Peripheral-memory DMA transfer function

-SD (Secure Digital) card interface :µPD77213 only

•Supply voltage

-DSP core supply voltage: 1.425 to 1.65 V (MAX. operating speed 120 MHz),

                                   1.55 to 1.65 V (MAX. operating speed 160 MHz) µPD77210 only

-I/O pin supply voltage: 2.7 to 3.6 V



 




Similar Part No. - UPD77210

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD77210 RENESAS-UPD77210 Datasheet
574Kb / 76P
MOS INTEGRATED CIRCUIT
2001
UPD77210F1-DA2 RENESAS-UPD77210F1-DA2 Datasheet
574Kb / 76P
MOS INTEGRATED CIRCUIT
2001
UPD77210GJ-8EN RENESAS-UPD77210GJ-8EN Datasheet
574Kb / 76P
MOS INTEGRATED CIRCUIT
2001
More results


Similar Description - UPD77210

ManufacturerPart #DatasheetDescription
logo
NEC
UPD77015 NEC-UPD77015 Datasheet
424Kb / 60P
16 bits, Fixed-point Digital Signal Processor
UPD77016 NEC-UPD77016 Datasheet
250Kb / 56P
16 bits, Fixed-point Digital Signal Processor
UPD77018A NEC-UPD77018A Datasheet
361Kb / 56P
16 bits, Fixed-point Digital Signal Processor
UPD77019-013 NEC-UPD77019-013 Datasheet
261Kb / 56P
16 bits, Fixed-point Digital Signal Processor
logo
STMicroelectronics
D950-CORE STMICROELECTRONICS-D950-CORE Datasheet
560Kb / 89P
16-Bit Fixed Point Digital Signal Processor DSP Core
04-Sep-1997
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
Zilog, Inc.
Z89462 ZILOG-Z89462 Datasheet
104Kb / 8P
16-BIT, FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
NEC
UPD77115 NEC-UPD77115 Datasheet
475Kb / 56P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
Renesas Technology Corp
PD77210 RENESAS-PD77210_15 Datasheet
575Kb / 76P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com